Electronic Components Datasheet Search
  English  ▼

X  

OPA192IDBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA192IDBVT
Description  High Voltage, Rail-to-Rail Input/Output, Precision Operational Amplifiers, e-trim Series
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA192IDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA192IDBVT Datasheet HTML 9Page - Texas Instruments OPA192IDBVT Datasheet HTML 10Page - Texas Instruments OPA192IDBVT Datasheet HTML 11Page - Texas Instruments OPA192IDBVT Datasheet HTML 12Page - Texas Instruments OPA192IDBVT Datasheet HTML 13Page - Texas Instruments OPA192IDBVT Datasheet HTML 14Page - Texas Instruments OPA192IDBVT Datasheet HTML 15Page - Texas Instruments OPA192IDBVT Datasheet HTML 16Page - Texas Instruments OPA192IDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
-4
-3
-2
-1
0
1
2
3
4
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
Time (s)
C034
0.01% Settling = ±500 V
G = +1
Step Applied at t = 0
0
20
40
60
80
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
ISC, Source
ISC, Sink
-4
-3
-2
-1
0
1
2
3
4
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
Time (s)
C034
0.01% Settling = ±500 V
G = +1
Step Applied at t = 0
-4
-3
-2
-1
0
1
2
3
4
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Time (s)
C034
0.01% Settling = ±1 mV
G = +1
Step Applied at t = 0
Time (300 ns/div)
C005
RL
NŸ
C
L = 10 pF
±
+
RI = 1 kO
VIN
+ 18 V
± 18 V
CL
OPA192
+
±
RF = 1 kO
G = -1
RI
NŸ
RF
NŸ
-4
-3
-2
-1
0
1
2
3
4
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
Time (s)
C034
0.01% Settling = ±1 mV
G = +1
Step Applied at t = 0
OPA192
OPA2192
OPA4192
www.ti.com
SBOS620A – DECEMBER 2013 – REVISED JANUARY 2014
TYPICAL CHARACTERISTICS (continued)
VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF, unless otherwise noted.
Figure 31. LARGE-SIGNAL STEP RESPONSE
Figure 32. SETTLING TIME (10-V Positive Step)
Figure 33. SETTLING TIME (5-V Positive Step)
Figure 34. SETTLING TIME (10-V Negative Step)
Figure 35. SETTLING TIME (5-V Negative Step)
Figure 36. SHORT-CIRCUIT CURRENT vs TEMPERATURE
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: OPA192 OPA2192 OPA4192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com