Electronic Components Datasheet Search
  English  ▼

X  

SPS Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # SPS
Description  48V DC Outside Plant and Customer Premise Solution
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

SPS Datasheet(HTML) 3 Page - Lineage Power Corporation

  SPS Datasheet HTML 1Page - Lineage Power Corporation SPS Datasheet HTML 2Page - Lineage Power Corporation SPS Datasheet HTML 3Page - Lineage Power Corporation SPS Datasheet HTML 4Page - Lineage Power Corporation SPS Datasheet HTML 5Page - Lineage Power Corporation SPS Datasheet HTML 6Page - Lineage Power Corporation SPS Datasheet HTML 7Page - Lineage Power Corporation SPS Datasheet HTML 8Page - Lineage Power Corporation SPS Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Page 3
Environmental
Operating Temperature
-40°C to +75°C (-40°F to 167°F)
Storage Temperature
-40°C to +85°C (-40°F to 185°F)
Power Derating
> +50°C 2% per degree Celcius
Humidity
< 95% non-condensing
Altitude
4000M max
Audible Noise
< 55dBA
Safety and Standards Compliance
NEBs
Evaluated by independent NRTL test lab to Telcordia GR63 & GR 1089, Issue 4
Safety
CE mark to Low Voltage Directive 2006/95/EC and EMC Directive 2004/108/E
UL 60950-1, Recognized
CSA C22.2 No. 60950-1-03 Certified
VDE0805:2001 12 (EN 609501) Licensed
RoHS
Compliant to RoHS EU Directive 2002/95/EC
EMC
CISPR22 (EN55022) Class B and FCC-CFR, Part 15, sub-part B Class B with shelf; GR1089 Class A
ESD
EN61000-4-2, Level 4
Mechanical
Length (inch/mm)
8.11 / 206.0
Width (inch/mm)
4.98 / 126.5
Height (inch/mm)
1.64 / 41.6
Weight (lb/Kg)
3.08 / 1.4
Slimline Power System Brochure
© 2013 General Electric Company. All rights reserved.
04/13
Outline Drawing
TEChnICAl SPECIFICATIOnS - RECTIFIERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com