Electronic Components Datasheet Search
  English  ▼

X  

SPS Datasheet(PDF) 8 Page - Lineage Power Corporation

Part # SPS
Description  48V DC Outside Plant and Customer Premise Solution
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

SPS Datasheet(HTML) 8 Page - Lineage Power Corporation

Back Button SPS Datasheet HTML 4Page - Lineage Power Corporation SPS Datasheet HTML 5Page - Lineage Power Corporation SPS Datasheet HTML 6Page - Lineage Power Corporation SPS Datasheet HTML 7Page - Lineage Power Corporation SPS Datasheet HTML 8Page - Lineage Power Corporation SPS Datasheet HTML 9Page - Lineage Power Corporation SPS Datasheet HTML 10Page - Lineage Power Corporation SPS Datasheet HTML 11Page - Lineage Power Corporation SPS Datasheet HTML 12Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Page 8
Slimline Power System Brochure
© 2013 General Electric Company. All rights reserved.
04/13
Shelf Options - continued
Front View list 2D and 2AD
Front View list 4 and 4A
Rear View list 2D
Rear View list 2AD
Rear View list 4
Rear View list 4A
Controller Slot
Controller Slot
Slot 2
Slot 2
Slot 1
Slot 1
AC
AC
AC
AC
Breaker
Breakers
GMTs
GMTs
1-Wire LAN
1-Wire LAN
1-Wire LAN
1-Wire LAN
Terminal Blocks
Control/Alarms
Control/Alarms
Control/Alarms
Control/Alarms
list 2D and 2AD Power Shelf with Distribution
• Full front access for battery and load
connections
• 30A battery breaker with terminal block
input for 8 gage wire, LVBD
• 6 GMT fuses with terminal block output for
12 gage wire, 15A max fuse size
• AC input is single IEC-320 C13 style
cord for List 2D or two C13 style cords
for List 2AD
• 1-Wire port for battery voltage and
temperature monitoring, LAN port and
alarm input and output connectors
• List 2D and 2AD Power Shelves also
available without LVBD
list 4 and 4A Power Shelf with Distribution
• Full rear access to all connections
• Two 30A battery breakers with terminal
block inputs for 8 gage wire, LVBD
• 10 GMT fuses with terminal block output for
12 gage wire, 15A max fuse size
• AC input is single IEC-320 C13 style cord for
List 4 or two C13 style cords for List 4A
• 1-Wire port for battery voltage and
temperature monitoring, LAN port, alarm
input and output connectors
• List 4 and 4A Power Shelves also available
without LVBD
ORDERInG InFORMATIOn – SlIMlInE POwER SySTEM
Temperature Measurement
Temperature/Voltage Measurement
Temperature/Voltage probes are needed for battery monitoring. They
are connected to each battery or battery string to provide slope thermal
compensation, temperature alarms and voltage imbalance alarms.
Battery Monitoring
+
-
+
USE COUPLER 555052-1 AND G-STYLE CABLE TO
DAISY CHAIN B-STYLE CABLE UP TO 150 FEET
TO CONTROLLER
-
-
+
+
-
48V battery string #1
+
-
+
-
-
+
+
-
48V battery string #2
+
-
+
-
-
+
+
-
48V battery string #3
C
C
C
B
TRIM BROWN VOLTAGE SENSE
WIRE ON B AND C-STYLE CABLES
MAX 16
PROBES
+
-
+
To Controller
To Next ES771
-
-
+
+
-
48V battery string #1
+
-
+
-
-
+
+
-
48V battery string #2
+
-
+
-
-
+
+
-
48V battery string #3
ES771
Voltage Module
108958422
C
C
G
G
D
USE COUPLER 555052-1 TO DAISY CHAIN
G-STYLE CABLES UP TO 150 FEET
VOLTAGE SENSE WIRE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com