Electronic Components Datasheet Search
  English  ▼

X  

SPS Datasheet(PDF) 4 Page - Lineage Power Corporation

Part # SPS
Description  48V DC Outside Plant and Customer Premise Solution
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

SPS Datasheet(HTML) 4 Page - Lineage Power Corporation

  SPS Datasheet HTML 1Page - Lineage Power Corporation SPS Datasheet HTML 2Page - Lineage Power Corporation SPS Datasheet HTML 3Page - Lineage Power Corporation SPS Datasheet HTML 4Page - Lineage Power Corporation SPS Datasheet HTML 5Page - Lineage Power Corporation SPS Datasheet HTML 6Page - Lineage Power Corporation SPS Datasheet HTML 7Page - Lineage Power Corporation SPS Datasheet HTML 8Page - Lineage Power Corporation SPS Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Page 4
Pulsar Edge Controller
Applications
Key Features
The SPS Pulsar Edge controller delivers large
system intelligence in a small system form
factor. This family of controllers functions
as network interface cards (NIC) and as a
full-featured battery plant controller. Its thin
modular plug-in form factor minimizes shelf
space consumption allowing maximum power
module and distribution capabilities.
The controller is utilized in bulk power
applications in data centers and enterprise
applications. Ethernet connectivity with SNMP
facilitates remote network management.
Access through its front-accessible RS232
or USB port and aided by the EasyView2
graphical enables full user interface locally.
Optional 1U display version allows convenient
access to all controller functions without
requiring external cable connections. The
display also features alarm context sensitive
backlighting for at-a-glance system status.
As a battery plant controller, it provides a
complete set of features to monitor and
control rectifiers, batteries, and distribution.
A flexible set of configurable inputs allow
the Pulsar Edge controller to monitor a wide
variety of system equipment and incorporate
appropriate state information enabling a
centralized point of management.
The controller utilizes standard network
management protocols allowing for advanced
network supervision. GE Galaxy Manager™
software is the centralized visibility and
control component of a comprehensive
power management system designed to meet
engineering, operations and maintenance
needs. The Galaxy Manager client-server
architecture enables remote access to system
controllers across the power network.
• Telecommunications networks
• Digital subscriber line (DSL)
• Indoor/outdoor wireless
• Routers/switches
• Fiber in the loop
• Transmission
• Data networks
• PBX
Remote Access and Features
• Integrated 10/100Base-T Ethernet Network
- TCP/IP
- SNMP V2c for management
- SMTP for email
- Telnet for command line interface
- DHCP for plug-n-play
- FTP for rapid backup and upgrades
- HTTP for standard web pages
and browsers
- Compatible with Galaxy Manager
and other management packages
- Shielded RJ-45 interface referenced
to chassis ground
• Password protected security levels: User,
Super-User, Administrator for all access
• Ground-referenced RS232 system port
• ANSI T1.317 command-line interface
• Modem access support
- Remote via external modem
- Callback security
• EasyView2, Windows-based GUI software for
local terminal or Modem access
• Optional 1U display with alarm indicating
backlight feature
Standard System Features
• Monitor and control of more than 40
connected devices
- Maximum of 32 rectifiers
- Maximum of 6 distribution control cards
- Robust RS485 system bus
• Standard and user defined alarms
- Alarm test
- Assignable alarm severity: Critical,
Major, Minor, Warning, and record-only
• Rectifier management features
- Automatic rectifier restart
- Adaptive Rectifier Management
(energy efficiency)
- Remote rectifier (on/off)
- Reserve Operation
- Automatic rectifier sequence control
- N + X redundancy check
• Multiple Low Voltage Load and Low Voltage
Battery Disconnect thresholds (4)
• Configuration, statistics, and history
- All stored in non-volatile memory
- Remote/local backup and restore of
configuration data
• Industry standard defaults
- Customer specific configurations
available
• Remote/ local software upgrade
• Basic, busy hour, and trend statistics
• Detailed event history
• User defined events and derived channels
Standard Battery Management Features
• Float/boost mode control
- Manual boost
- Manual timed boost locally, T1.317,
and remotely initiated
- Auto boost terminated by time or
current
• Battery discharge testing
- Manual (local/remote)
- Periodic
- Plant Battery Test (PBT) input driven
- Configurable threshold or 20%
algorithm
- Graphical discharge data
- Rectifiers on-line during test
• Slope thermal compensation
- High temperature
- Low temperature
- Step temperature
- STC Enable/Disable, low temperature
Enable/Disable
- Configurable mV/°C slopes
• State of charge indication
• High temperature disconnect setting
• Reserve-time prediction
• Recharge current limit
• Emergency Power-Off input
Slimline Power System Brochure
© 2013 General Electric Company. All rights reserved.
04/13
TEChnICAl SPECIFICATIOnS - COnTROllER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com