Electronic Components Datasheet Search
  English  ▼

X  

SPS Datasheet(PDF) 1 Page - Lineage Power Corporation

Part # SPS
Description  48V DC Outside Plant and Customer Premise Solution
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

SPS Datasheet(HTML) 1 Page - Lineage Power Corporation

  SPS Datasheet HTML 1Page - Lineage Power Corporation SPS Datasheet HTML 2Page - Lineage Power Corporation SPS Datasheet HTML 3Page - Lineage Power Corporation SPS Datasheet HTML 4Page - Lineage Power Corporation SPS Datasheet HTML 5Page - Lineage Power Corporation SPS Datasheet HTML 6Page - Lineage Power Corporation SPS Datasheet HTML 7Page - Lineage Power Corporation SPS Datasheet HTML 8Page - Lineage Power Corporation SPS Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Pr oduct o vervie w
Overview
The Slimline Power System provides advanced
controller features in a compact, cost-efficient
footprint. The SPS shelf is 1.75” high, 10.3”
deep and mounts in 19-inch or 23-inch wide
frames, with three power slots for rectifiers
and distribution. The Pulsar Edge controller
has Ethernet connectivity to facilitate remote
network management to monitor and control
rectifiers, batteries, and distribution. SPS is
a reliable DC power solution where system
height and depth are restricted.
Shelf Options
The Slimline Power System product line
provides several shelf options equipped
with Ethernet, alarm inputs/outputs, and
1-Wire™ connection for battery voltage and
temperature monitoring. The rectifier-only
shelf holds up to three 1000 Watt rectifier
modules. Shelves can be deployed in parallel
to increase output capacity. Other shelf
configurations hold up to two 1000 Watt
rectifier modules and include an integrated
distribution module with circuit breakers,
GMT fuse positions, and low-voltage battery
disconnect circuit.
SPS TE Rectifier
This hardened rectifier is a single phase, hot
pluggable, fan cooled rectifier that provides
up to 1000 Watts of high availability DC power.
The constant output power characteristics,
extended temperature range, universal AC
input, and compact size are key attributes
that make this rectifier the right choice for
your power needs.
Pulsar Edge Controller
SPS features the Pulsar Edge controller
delivering large system intelligence in a small
system form factor. Ethernet connectivity
with SNMP facilitates remote network
management.
Benefits
Reliability
– Simplified deployment
– Proven field performance
– Hardened for extreme environments
Intelligence
– Industry leading controller features
– Ethernet interface for remote access
– Centralized network management
Investment Protection
– Engineered to reduce installation time
– Versatile configurations
– Efficient operation
On Time Delivery
– Standard building blocks
– 4 - 6 week availability
– 24/7 technical support
• Customer premise power for
converged networks
• Large plant features in a
small plant package
• 3000 Watts / 60 Amps single shelf
capacity in 1RU
• 10.3 inches (264mm) depth is ideal
where space is restricted
• 95% Efficiency
Slimline Power System
48V DC Outside Plant and Customer Premise Solution
Total Efficiency
The GE Total Efficiency™ (TE) architecture
reduces energy loss and lowers cooling
costs by 50-70%. TE products will prioritize
sustainable energy sources like solar, wind,
water and fuel cells over traditional utility grid
or diesel generator sources – and they will
intelligently respond to smart grid information
to reduce consumption during peak demand
periods. Active Rectifier Management (ARM)
and Battery Charging Optimization (BCO)
features increase efficiency on current and
legacy power infrastructures. The Total
Efficiency architecture addresses issues end-
to-end based on our proven experience and
expertise in batteries, power distribution, DC
energy systems, AC-DC power supplies, and
DC-DC board mounted power to deliver a
solution that is more safe, reliable and energy
efficient than competitive alternatives.
Slimline Power System Brochure
© 2013 General Electric Company. All rights reserved.
04/13


Similar Part No. - SPS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPS-01T-110 ETC2-SPS-01T-110 Datasheet
232Kb / 8P
Crimping tools and machines
SPS-01T-110 ETC2-SPS-01T-110 Datasheet
224Kb / 8P
APPLICATION TOOLING
logo
JST Mfg. Co., Ltd.
SPS-01T-110 JST-SPS-01T-110 Datasheet
197Kb / 9P
PS CONNECTOR
SPS-01T-187 JST-SPS-01T-187 Datasheet
22Kb / 1P
CONN QC RCPT 20-26AWG 0.187
SPS-01T-187 JST-SPS-01T-187 Datasheet
197Kb / 9P
PS CONNECTOR
More results

Similar Description - SPS

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
MDX-02ADCU1AA JDSU-MDX-02ADCU1AA Datasheet
195Kb / 4P
Outside Plant CWDM Optical Drop Module
MDX-04UXC001A JDSU-MDX-04UXC001A Datasheet
220Kb / 4P
Outside Plant CWDM Universal Multiplexer Module
logo
SCHOTT CORPORATION
32824 SCHOTT-32824 Datasheet
18Kb / 1P
TRANSFORMER, ADSL CUSTOMER PREMISE
32828 SCHOTT-32828 Datasheet
20Kb / 1P
TRANSFORMER, ADSL CUSTOMER PREMISE
33817 SCHOTT-33817 Datasheet
19Kb / 1P
TRANSFORMER, ADSL CUSTOMER PREMISE
33818 SCHOTT-33818 Datasheet
26Kb / 1P
TRANSFORMER ADSL CUSTOMER PREMISE
35625 SCHOTT-35625 Datasheet
17Kb / 1P
TRANSFORMER, ADSL CUSTOMER PREMISE
36539 SCHOTT-36539 Datasheet
18Kb / 1P
TRANSFORMER, ADSL CUSTOMER PREMISE
37039 SCHOTT-37039 Datasheet
29Kb / 1P
TRANSFORMER, ADSL, CUSTOMER PREMISE
logo
Lineage Power Corporati...
CPL LINEAGEPOWER-CPL Datasheet
722Kb / 16P
48V DC Critical Power Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com