Electronic Components Datasheet Search
  English  ▼

X  

SPS Datasheet(PDF) 11 Page - Lineage Power Corporation

Part # SPS
Description  48V DC Outside Plant and Customer Premise Solution
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

SPS Datasheet(HTML) 11 Page - Lineage Power Corporation

Back Button SPS Datasheet HTML 4Page - Lineage Power Corporation SPS Datasheet HTML 5Page - Lineage Power Corporation SPS Datasheet HTML 6Page - Lineage Power Corporation SPS Datasheet HTML 7Page - Lineage Power Corporation SPS Datasheet HTML 8Page - Lineage Power Corporation SPS Datasheet HTML 9Page - Lineage Power Corporation SPS Datasheet HTML 10Page - Lineage Power Corporation SPS Datasheet HTML 11Page - Lineage Power Corporation SPS Datasheet HTML 12Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Page 11
Slimline Power System Brochure
© 2013 General Electric Company. All rights reserved.
04/13
Mechanical
Height
1.71inches (43.4mm)
Width (with mounting ears)
19 inches (483mm)
Depth
10.37 inches (264mm)
Weight (without rectifiers)
6lbs/2.7kg
Environmental
Operating Temperature Range
-40°C to +75°C
Operating Relative Humidity
0 - 95% (non-condensing)
Storage Temperature Range
-40°C to +85°C
Agency Certifications
CSA
Canada/CSA C22.2; cCSAus
EMI/EMC
FCC Part 15, Class A; EN 55022, Class A (emission); EN 55024 (immunity); EN 55024, levels 3 (CI & RI)
and level 4 (ESD)
CE
CE mark meets Low Voltage Directive 2006/95/EC and EMC Directive 2004/108/EC
NEBs
Level 3 certified
Shelf Specifications
ORDERInG InFORMATIOn – SlIMlInE POwER SySTEM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com