Electronic Components Datasheet Search
  English  ▼

X  

SPS Datasheet(PDF) 7 Page - Lineage Power Corporation

Part # SPS
Description  48V DC Outside Plant and Customer Premise Solution
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

SPS Datasheet(HTML) 7 Page - Lineage Power Corporation

Back Button SPS Datasheet HTML 3Page - Lineage Power Corporation SPS Datasheet HTML 4Page - Lineage Power Corporation SPS Datasheet HTML 5Page - Lineage Power Corporation SPS Datasheet HTML 6Page - Lineage Power Corporation SPS Datasheet HTML 7Page - Lineage Power Corporation SPS Datasheet HTML 8Page - Lineage Power Corporation SPS Datasheet HTML 9Page - Lineage Power Corporation SPS Datasheet HTML 10Page - Lineage Power Corporation SPS Datasheet HTML 11Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Page 7
Slimline Power System Brochure
© 2013 General Electric Company. All rights reserved.
04/13
Shelf Options
Rear View list 1
Rear View list 1 A
DC
DC
AC
AC
AC
AC
1-Wire LAN
1-Wire LAN
Control/Alarms
Control/Alarms
list 1 and 1A Power Shelf
• DC output buses are M6 studs on 5/8”
centers for up to 2gage cable pair, plastic
cover provides touch proof protection
• AC input is single IEC-320 C19 style
cord for List 1 or three C13 style cords
for List 1A
• 1-Wire port for battery voltage and
temperature monitoring, LAN port and
alarm output connector
• Connector for LVD, shunt and fuse alarm
monitoring of external
distribution panel
ORDERInG InFORMATIOn – SlIMlInE POwER SySTEM
Shelf line Drawing - J2007003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com