Electronic Components Datasheet Search
  English  ▼

X  

AD5686 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5686
Description  Quad, 16-/12-Bit nanoDAC with I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5686 Datasheet(HTML) 4 Page - Analog Devices

  AD5686 Datasheet HTML 1Page - Analog Devices AD5686 Datasheet HTML 2Page - Analog Devices AD5686 Datasheet HTML 3Page - Analog Devices AD5686 Datasheet HTML 4Page - Analog Devices AD5686 Datasheet HTML 5Page - Analog Devices AD5686 Datasheet HTML 6Page - Analog Devices AD5686 Datasheet HTML 7Page - Analog Devices AD5686 Datasheet HTML 8Page - Analog Devices AD5686 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD5696/AD5694
Data Sheet
Rev. A | Page 4 of 24
A Grade
B Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions/Comments1
LOGIC INPUTS3
Input Current
±2
±2
µA
Per pin
Input Low Voltage, VINL
0.3 × VLOGIC
0.3 × VLOGIC
V
Input High Voltage, VINH
0.7 × VLOGIC
0.7 × VLOGIC
V
Pin Capacitance
2
2
pF
LOGIC OUTPUTS (SDA)3
Output Low Voltage, VOL
0.4
0.4
V
ISINK = 3 mA
Output High Voltage, VOH
VLOGIC − 0.4
VLOGIC − 0.4
V
ISOURCE = 3 mA
Floating State Output
Capacitance
4
4
pF
POWER REQUIREMENTS
VLOGIC
1.8
5.5
1.8
5.5
V
ILOGIC
3
3
µA
VDD
2.7
5.5
2.7
5.5
V
Gain = 1
VREF + 1.5
5.5
VREF + 1.5
5.5
V
Gain = 2
IDD
VIH = VDD, VIL = GND, VDD =
2.7 V to 5.5 V
Normal Mode7
0.59
0.7
0.59
0.7
mA
All Power-Down Modes8
1
4
1
4
µA
−40°C to +85°C
6
6
µA
−40°C to +105°C
1
Temperature range is −40°C to +105°C.
2
DC specifications are tested with the outputs unloaded, unless otherwise noted. Upper dead band (10 mV) exists only when VREF = VDD with gain = 1 or when VREF/2 = VDD
with gain = 2. Linearity calculated using a reduced code range of 256 to 65,280 (AD5696) or 12 to 4080 (AD5694).
3
Guaranteed by design and characterization; not production tested.
4
Channel A and Channel B can have a combined output current of up to 30 mA. Similarly, Channel C and Channel D can have a combined output current of up to 30 mA
up to a junction temperature of 110°C.
5
VDD = 5 V. The device includes current limiting that is intended to protect the device during temporary overload conditions. Junction temperature can be exceeded
during current limit. Operation above the specified maximum junction temperature may impair device reliability.
6
When drawing a load current at either rail, the output voltage headroom with respect to that rail is limited by the 25
Ω typical channel resistance of the output devices.
For example, when sinking 1 mA, the minimum output voltage = 25 Ω × 1 mA = 25 mV (see Figure 20).
7
Interface inactive. All DACs active. DAC outputs unloaded.
8
All DACs powered down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com