Electronic Components Datasheet Search
  English  ▼

X  

AD5686 Datasheet(PDF) 22 Page - Analog Devices

Part # AD5686
Description  Quad, 16-/12-Bit nanoDAC with I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5686 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5686 Datasheet HTML 16Page - Analog Devices AD5686 Datasheet HTML 17Page - Analog Devices AD5686 Datasheet HTML 18Page - Analog Devices AD5686 Datasheet HTML 19Page - Analog Devices AD5686 Datasheet HTML 20Page - Analog Devices AD5686 Datasheet HTML 21Page - Analog Devices AD5686 Datasheet HTML 22Page - Analog Devices AD5686 Datasheet HTML 23Page - Analog Devices AD5686 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD5696/AD5694
Data Sheet
Rev. A | Page 22 of 24
APPLICATIONS INFORMATION
MICROPROCESSOR INTERFACING
Microprocessor interfacing to the AD5696/AD5694 is via a
serial bus that uses a standard protocol that is compatible with
DSP processors and microcontrollers. The communications
channel requires a 2-wire interface consisting of a clock signal
and a data signal.
AD5696/AD5694 TO ADSP-BF531 INTERFACE
The I2C interface of the AD5696/AD5694 is designed for easy
connection to industry-standard DSPs and microcontrollers.
Figure 41 shows the AD5696/AD5694 connected to the Analog
Devices, Inc., Blackfin® processor. The Blackfin processor has
an integrated I2C port that can be connected directly to the I2C
pins of the AD5696/AD5694.
Figure 41. AD5696/AD5694 to ADSP-BF531 Interface
LAYOUT GUIDELINES
In any circuit where accuracy is important, careful consideration
of the power supply and ground return layout helps to ensure the
rated performance. The PCB on which the AD5696/AD5694
are mounted should be designed so that the AD5696/AD5694
lie on the analog plane.
The AD5696/AD5694 should have ample supply bypassing of
10 µF in parallel with 0.1 µF on each supply, located as close to
the package as possible, ideally right up against the device. The
10 µF capacitor is the tantalum bead type. The 0.1 µF capacitor
should have low effective series resistance (ESR) and low effective
series inductance (ESI), such as the common ceramic types; these
capacitors provide a low impedance path to ground at high
frequencies to handle transient currents due to internal logic
switching.
In systems where many devices are on one board, it is often
useful to provide some heat sinking capability to allow the
power to dissipate easily.
The AD5696/AD5694 LFCSP models have an exposed pad
beneath the device. Connect this pad to the GND supply for
the part. For optimum performance, use special considerations
to design the motherboard and to mount the package.
For enhanced thermal, electrical, and board level performance,
solder the exposed pad on the bottom of the LFCSP package to
the corresponding thermal land paddle on the PCB. Design
thermal vias into the PCB land paddle area to further improve
heat dissipation.
The GND plane on the device can be increased (as shown in
Figure 42) to provide a natural heat sinking effect.
Figure 42. Paddle Connection to Board
GALVANICALLY ISOLATED INTERFACE
In many process control applications, it is necessary to provide
an isolation barrier between the controller and the unit being
controlled to protect and isolate the controlling circuitry from
any hazardous common-mode voltages that may occur.
The Analog Devices iCoupler® products provide voltage iso-
lation in excess of 2.5 kV. The serial loading structure of the
AD5696/AD5694 makes the part ideal for isolated interfaces
because the number of interface lines is kept to a minimum.
Figure 43 shows a 4-channel isolated interface to the AD5696/
AD5694 using the ADuM1400. For more information, visit
http://www.analog.com/icouplers.
Figure 43. Isolated Interface
ADSP-BF531
SCL
GPIO1
SDA
GPIO2
LDAC
PF9
RESET
PF8
AD5696/
AD5694
AD5696/
AD5694
GND
PLANE
BOARD
ENCODE
SERIAL
CLOCK IN
CONTROLLER
ADuM1400
SERIAL
DATA OUT
RESET OUT
LOAD DAC
OUT
DECODE
TO
SCL
TO
SDA
TO
RESET
TO
LDAC
VIA
VOA
ENCODE
DECODE
VIB
VOB
ENCODE
DECODE
VIC
VOC
ENCODE
DECODE
VID
VOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com