Electronic Components Datasheet Search
  English  ▼

X  

AD5686 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5686
Description  Quad, 16-/12-Bit nanoDAC with I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5686 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5686 Datasheet HTML 14Page - Analog Devices AD5686 Datasheet HTML 15Page - Analog Devices AD5686 Datasheet HTML 16Page - Analog Devices AD5686 Datasheet HTML 17Page - Analog Devices AD5686 Datasheet HTML 18Page - Analog Devices AD5686 Datasheet HTML 19Page - Analog Devices AD5686 Datasheet HTML 20Page - Analog Devices AD5686 Datasheet HTML 21Page - Analog Devices AD5686 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD5696/AD5694
Data Sheet
Rev. A | Page 18 of 24
WRITE AND UPDATE COMMANDS
For more information about the LDAC function, see the Load
DAC (Hardware LDAC Pin) section.
Write to Input Register n (Dependent on LDAC)
Command 0001 allows the user to write to each DAC’s
dedicated input register individually. When LDAC is low, the
input register is transparent (if not controlled by the LDAC
mask register).
Update DAC Register n with Contents of Input Register n
Command 0010 loads the DAC registers/outputs with the
contents of the input registers selected by the address bits
(see Table 9) and updates the DAC outputs directly.
Write to and Update DAC Channel n (Independent of LDAC)
Command 0011 allows the user to write to the DAC registers
and update the DAC outputs directly, independent of the state
of the LDAC pin.
I2C SLAVE ADDRESS
The AD5696/AD5694 have a 7-bit I2C slave address. The five
MSBs are 00011, and the two LSBs (A1 and A0) are set by the
state of the A1 and A0 address pins. The ability to make hard-
wired changes to A1 and A0 allows the user to incorporate up
to four AD5696/AD5694 devices on one bus (see Table 10).
Table 10. Device Address Selection
A1 Pin Connection
A0 Pin Connection
A1 Bit
A0 Bit
GND
GND
0
0
GND
VLOGIC
0
1
VLOGIC
GND
1
0
VLOGIC
VLOGIC
1
1
SERIAL OPERATION
The 2-wire I2C serial bus protocol operates as follows:
1. The master initiates a data transfer by establishing a start
condition when a high-to-low transition on the SDA line
occurs while SCL is high. The following byte is the address
byte, which consists of the 7-bit slave address.
2. The slave device with the transmitted address responds by
pulling SDA low during the 9th clock pulse (this is called
the acknowledge bit). At this stage, all other devices on the
bus remain idle while the selected device waits for data to
be written to, or read from, its input shift register.
3. Data is transmitted over the serial bus in sequences of nine
clock pulses (eight data bits followed by an acknowledge bit).
Transitions on the SDA line must occur during the low period
of SCL; SDA must remain stable during the high period of SCL.
4. After all data bits are read or written, a stop condition is
established. In write mode, the master pulls the SDA line high
during the 10th clock pulse to establish a stop condition. In
read mode, the master issues a no acknowledge for the 9th
clock pulse (that is, the SDA line remains high). The master
then brings the SDA line low before the 10th clock pulse and
then high again during the 10th clock pulse to establish a
stop condition.
WRITE OPERATION
When writing to the AD5696/AD5694, the user must begin with
a start command followed by an address byte (R/W = 0), after
which the DAC acknowledges that it is prepared to receive data
by pulling SDA low. The AD5696/AD5694 require two bytes of
data for the DAC and a command byte that controls various DAC
functions. Three bytes of data must, therefore, be written to the
DAC with the command byte followed by the most significant
data byte and the least significant data byte, as shown in Figure 37.
All these data bytes are acknowledged by the AD5696/AD5694.
A stop condition follows.
Figure 37. I2C Write Operation
FRAME 2
COMMAND BYTE
FRAME 1
SLAVE ADDRESS
1
9
9
1
SCL
START BY
MASTER
ACK BY
AD5696/AD5694
ACK BY
AD5696/AD5694
SDA
R/W
DB23
A0
A1
1
0
0
0
1
DB22 DB21
DB20
DB19 DB18
DB17
DB16
1
9
9
1
ACK BY
AD5696/AD5694
ACK BY
AD5696/AD5694
FRAME 4
LEAST SIGNIFICANT
DATA BYTE
FRAME 3
MOST SIGNIFICANT
DATA BYTE
STOP BY
MASTER
SCL
(CONTINUED)
SDA
(CONTINUED)
DB15 DB14
DB13 DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com