Electronic Components Datasheet Search
  English  ▼

X  

AD5686 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5686
Description  Quad, 16-/12-Bit nanoDAC with I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5686 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5686 Datasheet HTML 10Page - Analog Devices AD5686 Datasheet HTML 11Page - Analog Devices AD5686 Datasheet HTML 12Page - Analog Devices AD5686 Datasheet HTML 13Page - Analog Devices AD5686 Datasheet HTML 14Page - Analog Devices AD5686 Datasheet HTML 15Page - Analog Devices AD5686 Datasheet HTML 16Page - Analog Devices AD5686 Datasheet HTML 17Page - Analog Devices AD5686 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD5696/AD5694
Data Sheet
Rev. A | Page 14 of 24
TERMINOLOGY
Relative Accuracy or Integral Nonlinearity (INL)
Relative accuracy or integral nonlinearity is a measurement of
the maximum deviation, in LSBs, from a straight line passing
through the endpoints of the DAC transfer function. Figure 5
and Figure 6 show typical INL vs. code plots.
Differential Nonlinearity (DNL)
Differential nonlinearity is the difference between the measured
change and the ideal 1 LSB change between any two adjacent codes.
A specified differential nonlinearity of ±1 LSB maximum ensures
monotonicity. The AD5696/AD5694 are guaranteed monotonic
by design. Figure 7 and Figure 8 show typical DNL vs. code plots.
Zero-Code Error
Zero-code error is a measurement of the output error when
zero code (0x0000) is loaded to the DAC register. Ideally, the
output should be 0 V. The zero-code error is always positive in
the AD5696/AD5694 because the output of the DAC cannot go
below 0 V due to a combination of the offset errors in the DAC
and the output amplifier. Zero-code error is expressed in mV.
Figure 13 shows a plot of zero-code error vs. temperature.
Full-Scale Error
Full-scale error is a measurement of the output error when full-
scale code (0xFFFF) is loaded to the DAC register. Ideally, the
output should be VDD − 1 LSB. Full-scale error is expressed as a
percentage of the full-scale range (% of FSR). Figure 12 shows a
plot of full-scale error vs. temperature.
Gain Error
Gain error is a measurement of the span error of the DAC. It is
the deviation in slope of the DAC transfer characteristic from
the ideal expressed in % of FSR.
Gain Temperature Coefficient
Gain temperature coefficient is a measurement of the change in
gain error with changes in temperature. It is expressed in ppm
of FSR/°C.
Offset Error
Offset error is a measurement of the difference between VOUT
(actual) and VOUT (ideal) expressed in mV in the linear region
of the transfer function. It can be negative or positive.
Offset Error Drift
Offset error drift is a measurement of the change in offset error
with changes in temperature. It is expressed in µV/°C.
DC Power Supply Rejection Ratio (PSRR)
DC PSRR indicates how the output of the DAC is affected by
changes in the supply voltage. PSRR is the ratio of the change in
VOUT to a change in VDD for midscale output of the DAC. It is mea-
sured in mV/V. VREF is held at 2.5 V, and VDD is varied by ±10%.
Output Voltage Settling Time
The output voltage settling time is the amount of time it takes
for the output of a DAC to settle to a specified level for a ¼ to ¾
full-scale input change.
Digital-to-Analog Glitch Impulse
Digital-to-analog glitch impulse is the impulse injected into the
analog output when the input code in the DAC register changes
state. It is normally specified as the area of the glitch in nV-sec
and is measured when the digital input code is changed by 1 LSB
at the major carry transition (0x7FFF to 0x8000) (see Figure 27).
Digital Feedthrough
Digital feedthrough is a measurement of the impulse injected into
the analog output of the DAC from the digital inputs of the DAC,
but is measured when the DAC output is not updated. It is
specified in nV-sec and measured with a full-scale code change
on the data bus, that is, from all 0s to all 1s and vice versa.
Noise Spectral Density (NSD)
Noise spectral density is a measurement of the internally gener-
ated random noise. Random noise is characterized as a spectral
density (nV/√Hz) and is measured by loading the DAC to mid-
scale and measuring noise at the output. It is measured in nV/√Hz.
DC Crosstalk
DC crosstalk is the dc change in the output level of one DAC
in response to a change in the output of another DAC. It is
measured with a full-scale output change on one DAC (or soft
power-down and power-up) while monitoring another DAC
kept at midscale. It is expressed in μV.
DC crosstalk due to load current change is a measurement
of the impact that a change in load current on one DAC has
on another DAC kept at midscale. It is expressed in μV/mA.
Digital Crosstalk
Digital crosstalk is the glitch impulse transferred to the output of
one DAC at midscale in response to a full-scale code change (all
0s to all 1s and vice versa) in the input register of another DAC.
It is expressed in nV-sec.
Analog Crosstalk
Analog crosstalk is the glitch impulse transferred to the output
of one DAC in response to a change in the output of another DAC.
To measure analog crosstalk, load one of the input registers with
a full-scale code change (all 0s to all 1s and vice versa), and then
execute a software LDAC and monitor the output of the DAC
whose digital code was not changed. The area of the glitch is
expressed in nV-sec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com