Electronic Components Datasheet Search
  English  ▼

X  

206XM Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # 206XM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

206XM Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button 206XM Datasheet HTML 20Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 21Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 22Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 23Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 24Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 25Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 26Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 27Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 122 page
background image
Part No. Description
XP1
XP Hook, Square Hole Tip
XPL1
XPL Hook (long), Square Hole Tip
E-ZZ-M
MINI-HHOOK: XP && XXPL
Part No. Description
XP2
XP Hook, Rectangular Hole Tip
XPL2
XPL Hook, Rectangular Hole Tip
STANDARD BBANANA SSOCKET IIN XXP HHOOK HHANDLE
Part No. Description
8003
XP1 Hook, Square Hole Tip
8004
XP2 Hook, Rectangular Hole Tip
STANDARD TTIP SSOCKET IIN XXP HHOOK HHANDLE
Part No. Description
8001
XP1 Hook, Square Hole Tip
8002
XP2 Hook, Rectangular Hole Tip
STANDARD BBANANA SSOCKET IIN XXPL HHOOK HHANDLE
Part No. Description
8007
XPL1 Probe, Square Hole Tip
8008
XPL2 Probe, Rectangular Hole Tip
STANDARD TTIP SSOCKET IIN XXPL HHOOK HHANDLE
Part No. Description
8005
XPL1 Probe, Square Hole Tip
8006
XPL2 Probe, Rectangular Hole Tip
NON-M
MAGNETIC PPISTOL GRIP HHOOK
For Non-magnetic add -N
NM after any Pistol Grip XP
style part number to indicate non-magnetic hook.
Construction: Identical to standard model, except
spring is non-magnetic.
The XP pistol grip hook provides the mini-hook size and
convenience with the capability of building in circuitry.
See Part No. X100W & X100W2 for hook detail.
See Part No. XL1 & XL2 for hook detail.
See Part No. XL1 & XL2 for hook detail.
See Part No. X100W & X100W2 for hook detail.
21
Construction:
Durable nylon body and pistol grip handle. One-piece
beryllium copper, gold-plated conductor and hook.
Designed for connections over components leads up to
.040” (1.016mm) diameter. Stainless steel compression
coil spring provides approximately 12 ounces (340 grams)
contact pressure. Epoxy glass board for circuitry is
enclosed in the handle. A strain relief coaxial cable clamp
and ground lead exit hole is built into the bottom of the
grip. This exit hole is designed for RG58C/U cable but may
be adapted for other cable sizes.
Colors: Available in 10 standard colors.
NOTE: Handle available in BLACK only.
Orrderr DDesk: 11 ((800) 9995-HHOOK
XPL1
XP1
Actual SSize
Refer to X100W hole tip.
Refer to X100W2 hole tip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com