Electronic Components Datasheet Search
  English  ▼

X  

206XM Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # 206XM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

206XM Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button 206XM Datasheet HTML 63Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 64Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 65Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 66Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 67Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 68Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 69Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 70Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 122 page
background image
BANANA && PPIN PPLUG AADAPTERS
.060” ((1.524mm) SSOCKET IIN SSTANDARD BBANANA PPLUG
Construction: Nylon handle. Nickel-plated brass frame with phosphor bronze .060”
contact socket spring. Banana plug is nickel silver.
Colors: Available in 10 Colors. See inside back cover for details.
Part No. Description
8011
.060” (1.524mm)
Socket in Std.
Banana Plug
STANDARD BBANANA SSOCKET TTO M
MINIATURE BBANANA PPLUG
Part No. Description
8023
Std. Banana
Socket to Mini
Banana Plug
Construction: Nylon handle. Mini banana and standard banana sockets are nickel-
plated brass. Mini banana plug spring is nickel silver.
Colors: Available in 10 colors. See inside back cover for details.
Part No. Description
8012
.080” (2.03mm)
Socket in Std.
Banana Plug
Construction: Nylon handle. Brass banana plug frame with a nickel silver contact
spring. .080” socket is brass frame with phosphor bronze spring, silver-plated.
Colors: Available in 10 Colors. See inside back cover for details
STANDARD BBANANA PPLUG TTO BBANANA SSOCKET, AACCEPTS
SHROUDED BBANANA PPLUGS
Part No. Description
9384
Standard
Banana Plug to
Banana Socket
Construction: Nylon handle. Banana plug and socket are a one piece brass frame with
beryllium copper contact spring, both nickel plated.
Colors: Red, Black, Yellow, Green, Blue and White.
STANDARD BBANANA SSOCKET TTO ..080” ((2.03mm) PPIN
Part No. Description
8018
Std. Banana
Socket to .080”
(2.03mm) Pin
Construction: Nylon handle. One piece nickel-plated brass frame.
Colors: Available in 10 Colors. See inside back cover for details.
Part No. Description
8032
Std. Banana
Socket to Mini
Banana Socket
STANDARD BBANANA SSOCKET TTO M
MINIATURE BBANANA SSOCKET
Part No. Description
8031
Std. Banana to
.080” (2.03mm)
Tip Socket
STANDARD BBANANA TTO ..080” ((2.03mm) TTIP SSOCKET
Construction: Insulator is heat shrink tubing. Contact is tin-plated music wire.
Colors: Available in red and black.
Part No. Description
8030
Mini Banana
Socket to Mini
Banana Socket
MINIATURE BBANANA SSOCKET TTO M
MINIATURE BBANANA SSOCKET
STANDARD ..080” ((2.03mm) TTIP SSOCKET TTO SSTANDARD ..080”
(.03mm) TTIP SSOCKET
Part No. Description
8029
.080” (2.03mm)
to .080”
(2.03mm) Splice
Construction: Housing is molded nylon. .080” sockets are machined brass and nickel
copper. Spring contact is silver-plated beryllium copper.
Colors: Available in red and black.
Construction: Insulator is extruded PVC tubing. Contacts are tin-plated music wire.
Colors: Available in red and black.
STANDARD BBANANA SSOCKET TTO SSTANDARD BBANANA SSOCKET
Part No. Description
8033
Std. Banana
Socket to Std.
Banana Socket
.060” ((1.524mm) SSOCKET TTO ..080” ((2.03mm) TTIP SSOCKET
Part No. Description
8046
.060” (1.524mm) Socket to .080” (2.03mm) Tip Socket
Construction: Housing is molded nylon. .080” contact spring is silver-plated Be Cu.
.060” socket is machined nickel copper, both sockets are nickel-plated.
Colors: Available in red and black.
64
.080” ((2.03mm) SSOCKET IIN SSTANDARD BBANANA PPLUG
www.e-zz-hhooook.coom
m
Construction: Insulator is extruded PVC tubing. Contacts are tin-plated music wire.
Colors: Available in red and black.
Construction: Housing is molded nylon. Banana socket and .080” socket frames are
nickel-plated brass. .080” contact is silver-plated beryllium copper.
Colors: Available in red and black.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com