Electronic Components Datasheet Search
  English  ▼

X  

206XM Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # 206XM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

206XM Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button 206XM Datasheet HTML 30Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 31Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 32Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 33Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 34Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 35Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 36Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 37Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 122 page
background image
Part Number
Description
XEL-((color)
Insulation-Piercing Macro Hook
Colors: Available in 10 standard colors. See inside back cover for details.
Standard M
Model CConstruction:
The hypo-action plunger and tip housing are molded in durable nylon.
Contact point is a single piece of stainless steel with insulated shaft and
tip, permiting connection for .050” to .150” diameter wire. A single
stainless steel compression spring controls the piercing action.
E-ZZ-M
MACRO-HHOOK, IINSULATION-PPIERCING: XEL
Features:
- Nylon exterior is impervious to most cleaning solvents and fuels
- Fully insulated shaft and tip prevents shorts
- Spring loaded design is easy to use and v-shaped tip separates
wire bundles for ease of connection to individual wires
- Insulated banana socket in T-shape handle allows for quick lead
change and multiple interface capabilities
- Accepts standard and shrouded banana plugs
31
E-ZZ-HHook llead ooptions: See pages 54-55. Part is also available with
factory installed leads, see following page.
XEL
Orrderr DDesk: 11 ((800) 9995-HHOOK
Be sure to look at E-Z-Hook’s Automotive
Kits featuring the XEL hook. Page 114.
EEXXCCEELLLLEEN
NTT FFO
ORR AAUUTTO
OM
MO
OTTIIVVEE TTEESS
TTIIN
NG
G
Actual SSize
The insulation-piercing hook is designed for
hard to make test connections of varying
wire sizes. The pointed tip allows separation
of dense wire groups and easy connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com