Electronic Components Datasheet Search
  English  ▼

X  

206XM Datasheet(PDF) 62 Page - List of Unclassifed Manufacturers

Part # 206XM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

206XM Datasheet(HTML) 62 Page - List of Unclassifed Manufacturers

Back Button 206XM Datasheet HTML 58Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 59Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 60Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 61Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 62Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 63Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 64Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 65Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 66Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 122 page
background image
Construction: Nylon handle. Nickel-plated brass body. Nickel silver spring. Solderless
assembly.
Colors: Available in 10 colors. See inside back cover for details.
BANANA PPLUGS
STANDARD BBANANA PPLUG
Part No. Description
9202
Standard Banana Plug
STACKING SSTANDARD BANANA PPLUG
Part No. Description
9203
Stacking Standard Banana Plug
Construction: Nylon handle. Nickel-plated brass body. Phosphor bronze spring.
Solderless assembly.
Colors: Available in 10 colors. See inside back cover for details.
BANANA PPLUG FFOR HHEAVY W
WIRE
Part No. Description
9214
Banana Plug for Heavy Wire
Construction: Plastic handle. Nickel-plated brass body. Phosphor bronze spring.
Solderless assembly.
Colors: Available in red and black.
Construction: Plastic handle. Nickel-plated brass body. Phosphor bronze spring. Snap
together solderless assembly.
Colors: Available in 10 colors. See inside back cover for details.
Part No. Description
9260
Stacking Standard Banana Plug for Heavy Wire
MINIATURE BBANANA PPLUG
Part No. Description
9213
Miniature Banana Plug
Construction: Plastic handle. Nickel-plated phosphor bronze body. Beryllium copper
spring. Solder assembly.
Colors: Available in 10 colors. See inside back cover for details.
Part No. Description
8201
Mini Banana Plug with 6-32 Thread
Construction: Nickel-plated phosphor bronze body. Beryllium copper spring. Solder
assembly. Thread size 6-32.
STACKING M
MINIATURE BBANANA PPLUG
Part No. Description
9261
Stacking Miniature Banana Plug
Construction: Plastic handle. Nickel-plated phosphor bronze body. Nickel-plated brass
socket. Beryllium copper spring. Solderless assembly.
Colors: Available in 10 colors. See inside back cover for details.
Part No. Description
9383
Stacking Shrouded Banana Plug, Accepts Shrouded Plugs
Construction: Housing is two piece molded nylon. Banana socket & plug are a one
piece machined brass section with a beryllium copper contact spring. Banana plug
tip is insulated. Wire connection is solderless. (IEC 1010 Compliant)
Colors: Red, black, yellow, green, blue and white.
MINIATURE BBANANA PPLUG W
WITH 66-332 TTHREAD
59
STACKING SSHROUDED BBANANA PPLUG, AACCEPTS SSHROUDED
BANANA PPLUGS
Orrderr DDesk: 11 ((800) 9995-HHOOK
Part No. Description
9206
Meter Banana Plug
METER BBANANA PPLUG
Construction: Plastic handle. Nickel-plated brass body. Nickel-plated beryllium copper
spring. Solder assembly.
Colors: Available in red and black.
STACKING SSTANDARD BBANANA PPLUG FFOR HHEAVY W
WIRE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com