Electronic Components Datasheet Search
  English  ▼

X  

206XM Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # 206XM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

206XM Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button 206XM Datasheet HTML 23Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 24Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 25Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 26Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 27Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 28Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 29Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 30Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 122 page
background image
E-ZZ-M
MACRO-HHOOK TTEST LLEADS: XXH && XXHL
MODEL XXH
MODEL XXHL
ALL M
MODELS AAVAILABLE IIN TTHE FFOLLOWING TTEST LLEAD CCOMBINATIONS
COLOR CHART
Black
Green
Brown Blue
Red
Violet
Orange Gray
Yellow White
Standard wire for the following leads
is 18 AWG PVC or 20 AWG coil cord.
Additional lead lengths, wire types, and custom leads are available upon request.
Test leads available
in the above colors.
PLEASE SPECIFY LENGTH IN INCHES
WHEN ORDERING
MACRO-HHOOK TTO M
MACRO-HHOOK JJUMPER
MACRO-HHOOK: See selected model style.
Hook Model
Part Number
XH
604XH-(length)-(color)
XHL
604XHL-(length)-(color)
Coil cord, add C after part no. (Ex. 604XHC)
MACRO-HHOOK TTO LLEAD O
ONLY .. .. .. N
NO IINTERFACE
Hook Model
Part Number
XH
613XH-(length)-(color)
XHL
613XHL-(length)-(color)
Coil cord, add C after part no. (Ex. 613XHLC)
MACRO-HHOOK: See selected model style.
MACRO-HHOOK: See selected model style.
STANDARD AALLIGATOR CCLIP: See Part No. 9274
MACRO-HHOOK TTO SSTANDARD AALLIGATOR CCLIP
Hook Model
Part Number
XH
619XH-(length)-(color)
XHL
619XHL-(length)-(color)
Coil cord, add C after part no. (Ex. 619XHLC)
MACRO-HHOOK: See selected model style.
STANDARD BBANANA PPLUG: See Part No. 9214.
Hook Model
Part Number
XH
BXH-(length)-(color)
XHL
BXHL-(length)-(color)
Coil cord, add C after part no. (Ex. BXHC)
MACRO-HHOOK: See selected model style.
STACKING SSTANDARD BBANANA PPLUG: See Part No. 9260.
Hook Model
Part Number
XH
601XH-(length)-(color)
XHL
601XHL-(length)-(color)
Coil cord, add C after part no. (Ex. 601XHLC)
MACRO-HHOOK TTO SSTANDARD BBANANA PPLUG
MACRO-HHOOK TTO SSTACKING SSTANDARD BBANANA PPLUG
SETS && CUSTOM CCOLOR
Standard Sets:
R/B
= 1 red, 1 black
S
= 1 each of 10 colors
S(color) = 10 of one color
S14
= Set of 10 solid, 4 kilo color*
S16
= Set of 10 solid, 6 kilo color*
(Ex. 604XH-12-S or 604XH-12-R/B)
Muti-color Unit:
*See Kilo-Color Info on inside back
cover.
Standard lengths include:
Ordering iinformation:
PART NO. - WIRE LENGTH - COLOR (Example: 604XHL-12-RED)
XH m
model sshown
XH m
model sshown
XH m
model sshown
XH m
model sshown
XH m
model sshown
24
www.e-zz-hhooook.coom
m
12”
18”
24”
30cm
45cm
60cm
60” Coil Cord
36”
48”
60”
90cm
120cm
150cm
18 AWG PVC WIRE
18 AWG PVC WIRE
18 AWG PVC WIRE
18 AWG PVC WIRE
18 AWG PVC WIRE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com