Electronic Components Datasheet Search
  English  ▼

X  

206XM Datasheet(PDF) 68 Page - List of Unclassifed Manufacturers

Part # 206XM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

206XM Datasheet(HTML) 68 Page - List of Unclassifed Manufacturers

Back Button 206XM Datasheet HTML 64Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 65Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 66Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 67Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 68Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 69Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 70Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 71Page - List of Unclassifed Manufacturers 206XM Datasheet HTML 72Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 122 page
background image
PANEL MOUNTS
STANDARD BBANANA SSOCKET PPANEL M
MOUNT
Part No
Description
9284-(color) Standard Banana Socket Panel Mount
Construction: Nylon body with recessed entry design. Three-level copper, nickel & tin
plated brass contact and turret terminal. 5/16-32 UNEF thread. Nut furnished. Mounts
in .328” (8.33 mm) hole. For panel thickness up to .343” (8.8 mm).
Colors: Available in 10 colors. See inside back cover for details.
Construction: Nylon body with recessed entry design. Three-level copper, nickel & tin
plated brass contact and terminal. 1/4-32 UNEF thread. Nut furnished. Mounts in
.257” (6.53mm) hole. For panel thickness up to .187” (4.75 mm).
Colors: Available in 10 colors. See inside back cover for details.
MINIATURE BBANANA SSOCKET PPANEL M
MOUNT
Part No.
Description
9283-(color) Miniature Banana Socket Panel Mount
SHROUDED SSTANDARD BBANANA SSOCKET PPANEL M
MOUNT FFOR
9302 RR/A M
METER PPLUG
Part No.
Description
8207
Shrouded Standard Banana Socket
Construction: Nylon shroud. Nylon shoulder. Washer. Nickel or tin plated flat washer.
Hot tin-plated lock washer. Solder terminal. Nickel-plated brass 6-32 screws. Panel
thickness range .060”/.187”.
Colors: Available in red and black.
STANDARD ..080” ((2.03mm) TTIP SSOCKET PPANEL M
MOUNT
Part No.
Description
9218-(color) Standard .080” Tip Socket Panel Mount
Construction: Nylon body with recessed closed entry design. Silver-plated beryllium
copper contact spring . Brass solder terminal is hot tin dipped. 1/4-32 nut furnished.
Mounts in .257” (6.53mm) hole in panels up to .250”(6.35mm) thick.
Colors: Available in 10 colors. See inside back cover for details.
Part No.
Description
8172-(color) Plastic Mounting Base, .750” Centers
Construction: .750” base for standard double banana socket and binding post
mounting base. For use with part numbers 9280, 9281 and 9284.
Colors: Available in red and black.
STANDARD DDOUBLE PPANEL M
MOUNT
Part No.
Description
8171-(color) Plastic Mounting Base, .500” Centers
Construction: .500” base for double miniature banana socket and binding post
mounting base. For use with part numbers 9218, 9278 and 9283.
Colors: Available in red and black.
Part No.
Description
9408
Shrouded Standard Double Banana Socket
SHROUDED SSTANDARD DDOUBLE BBANANA SSOCKET PPANEL M
MOUNT
Construction: Nylon base and shrouds. nylon shoulder washers. Three-level copper,
nickel and tin plated flat washers. Hot tin plated lock washer solder terminals. Nickel-
plated brass 6-32 screws. Max. panel thickness .187” (4.74mm).
Colors: 1 red and 1 black panel mount. Red or black base. (Specify base color)
Part No. Description
9405
Standard Double Banana Socket
Construction: Nylon body with recessed entry design.Three-level copper, nickel and tin
plated brass contact and turret terminal. 5/16-32 UNEF thread. Nuts furnished. Max
panel thickness .187” (4.74mm).
Color: 1 red and 1 black socket. Red or black base. (Specify base color)
MINIATURE DDOUBLE PPANEL M
MOUNT
65
Orrderr DDesk: 11 ((800) 9995-HHOOK
Mounting Holes
Mounting Holes
Mounting Holes
Mounting Holes
Mounting Hole
Mounting Hole
Mounting Hole
Mounting Hole
STANDARD DDOUBLE BBANANA SSOCKET PPANEL M
MOUNT W
WITH
TURRET TTERMINALS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com