Electronic Components Datasheet Search
  English  ▼

X  

OPA659 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA659
Description  Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA659 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  OPA659 Datasheet HTML 1Page - National Semiconductor (TI) OPA659 Datasheet HTML 2Page - National Semiconductor (TI) OPA659 Datasheet HTML 3Page - National Semiconductor (TI) OPA659 Datasheet HTML 4Page - National Semiconductor (TI) OPA659 Datasheet HTML 5Page - National Semiconductor (TI) OPA659 Datasheet HTML 6Page - National Semiconductor (TI) OPA659 Datasheet HTML 7Page - National Semiconductor (TI) OPA659 Datasheet HTML 8Page - National Semiconductor (TI) OPA659 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
OPA659
SBOS342B – DECEMBER 2008 – REVISED AUGUST 2009 ............................................................................................................................................ www.ti.com
ELECTRICAL CHARACTERISTICS: VS = ±6V (continued)
At RF = 0Ω, G = +1V/V, and RL = 100Ω, TA = +25°C, unless otherwise noted.
OPA659
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
INPUT
Common-Mode Input Range(3)
TA = +25°C
±3
±3.5
V
A
TA = –40°C to +85°C
±2.87
±3.37
V
B
Common-Mode Rejection Ratio
TA = +25°C, VCM = ±0.5V
68
70
dB
A
TA = –40°C to +85°C, VCM = ±0.5V
64
66
dB
B
Input Impedance
Differential
Ω
pF
C
1012
1
Common-mode
Ω
pF
C
1012
2.5
OUTPUT
Output Voltage Swing
TA = +25°C, No Load
±4.6
±4.8
V
A
TA = +25°C, RL = 100Ω
±3.8
±4.0
V
A
TA = –40°C to +85°C, No Load
±4.45
±4.65
V
B
TA = –40°C to +85°C, RL = 100Ω
±3.65
±3.85
V
B
Output Current, Sourcing, Sinking
TA = +25°C
±60
±70
mA
A
TA = –40°C to +85°C
±56
±65
mA
B
Closed-Loop Output Impedance
G = +1V/V, f = 100kHz
0.04
Ω
C
POWER SUPPLY
Operating Voltage
±3.5
±6
±6.5
V
B
Quiescent Current
TA = +25°C
30.5
32
33.5
mA
A
TA = –40°C to +85°C
28.3
35.7
mA
B
Power-Supply Rejection Ratio (PSRR)
TA = 25°C, VS = ±5.5V to ±6.5V
58
62
dB
A
TA = –40°C to 85°C, VS = ±5.5V to ±6.5V
56
60
dB
A
THERMAL CHARACTERISTICS
Specified Operating Range
–40
+85
°C
C
DRB and DRV Packages
Thermal Resistance,
θ
JA
Junction-to-ambient
DRB
VSON-8
55
°C/W
C
DRV
SOT23-5
105
°C/W
C
(3)
Tested <6dB below minimum specified CMRR at ±CMIR limits.
4
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): OPA659



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com