Electronic Components Datasheet Search
  English  ▼

X  

OPA659 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA659
Description  Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA659 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  OPA659 Datasheet HTML 1Page - National Semiconductor (TI) OPA659 Datasheet HTML 2Page - National Semiconductor (TI) OPA659 Datasheet HTML 3Page - National Semiconductor (TI) OPA659 Datasheet HTML 4Page - National Semiconductor (TI) OPA659 Datasheet HTML 5Page - National Semiconductor (TI) OPA659 Datasheet HTML 6Page - National Semiconductor (TI) OPA659 Datasheet HTML 7Page - National Semiconductor (TI) OPA659 Datasheet HTML 8Page - National Semiconductor (TI) OPA659 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
TYPICAL CHARACTERISTICS
OPA659
www.ti.com ............................................................................................................................................ SBOS342B – DECEMBER 2008 – REVISED AUGUST 2009
Table of Graphs
TITLE
FIGURE
Noninverting Small-Signal Frequency Response
VO = 200mVPP
Figure 1
Noninverting Large-Signal Frequency Response
VO = 2VPP
Figure 2
Noninverting Large-Signal Frequency Response
VO = 6VPP
Figure 3
Inverting Small-Signal Frequency Response
VO = 200mVPP
Figure 4
Inverting Large-Signal Frequency Response
VO = 2VPP
Figure 5
Inverting Large-Signal Frequency Response
VO = 6VPP
Figure 6
Noninverting Transient Response
0.5V Step
Figure 7
Noninverting Transient Response
2V Step
Figure 8
Noninverting Transient Response
5V Step
Figure 9
Inverting Transient Response
0.5V Step
Figure 10
Inverting Transient Response
2V Step
Figure 11
Inverting Transient Response
5V Step
Figure 12
Harmonic Distortion vs Frequency
Figure 13
Harmonic Distortion vs Noninverting Gain
Figure 14
Harmonic Distortion vs Inverting Gain
Figure 15
Harmonic Distortion vs Load Resistance
Figure 16
Harmonic Distortion vs Output Voltage
Figure 17
Harmonic Distortion vs ±Supply Voltage
Figure 18
Two-Tone, Second- and Third-Order Intermodulation Distortion vs Frequency
Figure 19
Overdrive Recovery
Gain = +2V/V
Figure 20
Overdrive Recovery
Gain = –2V/V
Figure 21
Input-Referred Voltage Spectral Noise Density
Figure 22
Common-Mode Rejection Ratio and Power-Supply Rejection Ratio vs Frequency
Figure 23
Recommended RISO vs Capacitive Load
Figure 24
Frequency Response vs Capacitive Load
Figure 25
Open-Loop Gain and Phase
Figure 26
Closed-Loop Output Impedance vs Frequency
Figure 27
Transimpedance Gain vs Frequency
CD = 10pF
Figure 28
Transimpedance Gain vs Frequency
CD = 22pF
Figure 29
Transimpedance Gain vs Frequency
CD = 47pF
Figure 30
Transimpedance Gain vs Frequency
CD = 100pF
Figure 31
Maximum/Minimum ±VOUT vs RLOAD
Figure 32
Slew Rate vs VOUT Step
Figure 33
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): OPA659



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com