Electronic Components Datasheet Search
  English  ▼

X  

OPA659 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA659
Description  Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA659 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button OPA659 Datasheet HTML 3Page - National Semiconductor (TI) OPA659 Datasheet HTML 4Page - National Semiconductor (TI) OPA659 Datasheet HTML 5Page - National Semiconductor (TI) OPA659 Datasheet HTML 6Page - National Semiconductor (TI) OPA659 Datasheet HTML 7Page - National Semiconductor (TI) OPA659 Datasheet HTML 8Page - National Semiconductor (TI) OPA659 Datasheet HTML 9Page - National Semiconductor (TI) OPA659 Datasheet HTML 10Page - National Semiconductor (TI) OPA659 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
0.3
0.2
0.1
0
0.1
0.2
0.3
-
-
-
0
10
20
30
40
50
Time(ns)
V
OUT
V
IN
1.5
1.0
0.5
0
0.5
1.0
1.5
-
-
-
0
10
20
30
40
50
Time(ns)
V
OUT
V
IN
3.5
2.5
1.5
0.5
0.5
1.5
2.5
3.5
-
-
-
-
0
10
20
30
40
50
Time(ns)
V
OUT
V
IN
0.3
0.2
0.1
0
0.1
0.2
0.3
-
-
-
0
10
20
30
40
50
Time(ns)
V
OUT
V
IN
1.5
1.0
0.5
0
0.5
1.0
1.5
-
-
-
0
10
20
30
40
50
Time(ns)
V
OUT
V
IN
3.5
2.5
1.5
0.5
0.5
1.5
2.5
3.5
-
-
-
-
0
10
20
30
40
50
Time(ns)
V
OUT
V
IN
OPA659
www.ti.com ............................................................................................................................................ SBOS342B – DECEMBER 2008 – REVISED AUGUST 2009
TYPICAL CHARACTERISTICS (continued)
At VS = ±6V, RF = 0Ω, G = +1V/V, and RL = 100Ω, unless otherwise noted.
NONINVERTING TRANSIENT RESPONSE (0.5V STEP)
NONINVERTING TRANSIENT RESPONSE (2V STEP)
Figure 7.
Figure 8.
NONINVERTING TRANSIENT RESPONSE (5V STEP)
INVERTING TRANSIENT RESPONSE (0.5V STEP)
Figure 9.
Figure 10.
INVERTING TRANSIENT RESPONSE (2V STEP)
INVERTING TRANSIENT RESPONSE (5V STEP)
Figure 11.
Figure 12.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA659



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com