Electronic Components Datasheet Search
  English  ▼

X  

OPA659 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA659
Description  Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA659 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button OPA659 Datasheet HTML 4Page - National Semiconductor (TI) OPA659 Datasheet HTML 5Page - National Semiconductor (TI) OPA659 Datasheet HTML 6Page - National Semiconductor (TI) OPA659 Datasheet HTML 7Page - National Semiconductor (TI) OPA659 Datasheet HTML 8Page - National Semiconductor (TI) OPA659 Datasheet HTML 9Page - National Semiconductor (TI) OPA659 Datasheet HTML 10Page - National Semiconductor (TI) OPA659 Datasheet HTML 11Page - National Semiconductor (TI) OPA659 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
-
50
60
70
80
90
100
110
-
-
-
-
-
-
1
10
100
Frequency(MHz)
Third
Harmonic
Second
Harmonic
V = 6.0V
G=1V/V
R =0
R =100
S
F
L
PP
W
W
V
=2V
OUT
±
-
50
55
60
65
70
75
80
85
90
95
100
-
-
-
-
-
-
-
-
-
-
0
2
4
6
8
10
NoninvertingGain(V/V)
Third
Harmonic
Second
Harmonic
V = 6.0V
R =100
S
L
PP
W
V
=2V
f=10MHz
OUT
±
-
50
55
60
65
70
75
80
85
90
95
100
-
-
-
-
-
-
-
-
-
-
0
100
200
300
400
500
600
700
800
900
1k
R
( )
W
LOAD
Third
Harmonic
Second
Harmonic
V = 6.0V
Gain=1V/V
R =0
S
F
PP
W
V
=2V
f=10MHz
OUT
±
-
50
55
60
65
70
75
80
85
90
95
100
-
-
-
-
-
-
-
-
-
-
0
2
4
6
8
10
InvertingGain(V/V)
Third
Harmonic
Second
Harmonic
V = 6.0V
R =100
S
L
PP
W
V
=2V
f=10MHz
OUT
±
-
50
60
70
80
90
100
110
-
-
-
-
-
-
0
2
4
6
V
(V )
OUT
PP
Third
Harmonic
Second
Harmonic
V = 6.0V
Gain=1V/V
R =0
S
F
W
R =100
f=10MHz
L
W
±
6
-
-
-
-
-
-
-
-
70
75
80
85
90
95
100
105
110
-
4.0
4.5
5.0
5.5
6.0
±
SupplyVoltage(V)
6
Third
Harmonic
Second
Harmonic
f=10MHz
V
=
OUT
PP
Gain=+2V/V
R =100
L
W
2V
OPA659
SBOS342B – DECEMBER 2008 – REVISED AUGUST 2009 ............................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS (continued)
At VS = ±6V, RF = 0Ω, G = +1V/V, and RL = 100Ω, unless otherwise noted.
HARMONIC DISTORTION vs NONINVERTING GAIN
HARMONIC DISTORTION vs FREQUENCY
AT 10MHz
Figure 13.
Figure 14.
HARMONIC DISTORTION vs INVERTING GAIN
HARMONIC DISTORTION vs LOAD RESISTANCE
AT 10MHz
AT 10MHz
Figure 15.
Figure 16.
HARMONIC DISTORTION
HARMONIC DISTORTION vs OUTPUT VOLTAGE
vs ±SUPPLY VOLTAGE
Figure 17.
Figure 18.
8
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): OPA659



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com