Electronic Components Datasheet Search
  English  ▼

X  

OPA659 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA659
Description  Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA659 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button OPA659 Datasheet HTML 7Page - National Semiconductor (TI) OPA659 Datasheet HTML 8Page - National Semiconductor (TI) OPA659 Datasheet HTML 9Page - National Semiconductor (TI) OPA659 Datasheet HTML 10Page - National Semiconductor (TI) OPA659 Datasheet HTML 11Page - National Semiconductor (TI) OPA659 Datasheet HTML 12Page - National Semiconductor (TI) OPA659 Datasheet HTML 13Page - National Semiconductor (TI) OPA659 Datasheet HTML 14Page - National Semiconductor (TI) OPA659 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
5
4
3
2
1
0
1
2
3
4
5
-
-
-
-
-
10
100
1000
R
( )
W
LOAD
V = 6.0V
G=+1V/V
R =249
S
F
W
±
V
Low
OUT
V
High
OUT
130
120
110
100
90
80
70
60
50
40
100k
1M
10M
100M
Frequency(Hz)
R =1M ,C =Open
F
F
W
R =1k ,C =4.7pF
F
F
W
R =10k ,C =Open
F
F
W
R =10k ,C =1.5pF
F
F
W
R =100k ,C =Open
F
F
W
R =100k ,
C =0.5pF
F
F
W
R =1k ,
C =Open
F
F
W
R =1M ,
C =0.25pF
W
F
F
3000
2000
1000
0
0
1
2
3
4
5
V
/V
(V)
OUT
STEP
V = 6.0V
G=+2V/V
R
=100
S
LOAD
W
±
6
Falling
SlewRate
Rising
SlewRate
OPA659
www.ti.com ............................................................................................................................................ SBOS342B – DECEMBER 2008 – REVISED AUGUST 2009
TYPICAL CHARACTERISTICS (continued)
At VS = ±6V, RF = 0Ω, G = +1V/V, and RL = 100Ω, unless otherwise noted.
TRANSIMPEDANCE GAIN
MAXIMUM/MINIMUM ±VOUT
vs FREQUENCY (CD = 100pF)
vs RLOAD
Figure 31.
Figure 32.
SLEW RATE
vs VOUT STEP
Figure 33.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): OPA659



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com