Electronic Components Datasheet Search
  English  ▼

X  

OPA2889 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA2889
Description  Dual, Low-Power, Wideband, Voltage-Feedback
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2889 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button OPA2889 Datasheet HTML 13Page - National Semiconductor (TI) OPA2889 Datasheet HTML 14Page - National Semiconductor (TI) OPA2889 Datasheet HTML 15Page - National Semiconductor (TI) OPA2889 Datasheet HTML 16Page - National Semiconductor (TI) OPA2889 Datasheet HTML 17Page - National Semiconductor (TI) OPA2889 Datasheet HTML 18Page - National Semiconductor (TI) OPA2889 Datasheet HTML 19Page - National Semiconductor (TI) OPA2889 Datasheet HTML 20Page - National Semiconductor (TI) OPA2889 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
1/2
OPA2889
+5V
+V
S
DIS
V /2
S
698W
200W
V
O
V
D
V
I
698W
50W
R
G
750W
R
F
750W
0.1 F
m
0.1 F
m
59W
+
6.8 F
m
0.1 F
m
R
G
R
F
1/2
OPA2889
R
G
R
F
1/2
OPA2889
V
IN
R
L
V
OUT
+5V
-5V
G =
D
R
F
R
G
DIFFERENTIAL OPERATION
R
F
1/2
OPA2889
R
F
1/2
OPA2889
V
IN
R
L
R
G
+5V
-5V
G =1+
D
2R
F
R
G
OPA2889
www.ti.com ....................................................................................................................................................... SBOS373B – JUNE 2007 – REVISED AUGUST 2008
The other possibility is using the OPA2889 in a
differential configuration as shown in Figure 53. This
figure illustrates the differential noninverting input
configuration which has the advantage of showing a
high input impedance to any prior stage.
Figure 51. DC-Coupled, G = +2, Single-Supply,
Specification and Test Circuit
Figure 52. Differential Inverting Specification and
Again, an additional resistor (50
Ω in this case) is
Test Circuit
included directly in series with the noninverting input.
This minimum recommended value provides part of
the
dc
source
resistance
matching
for
the
noninverting input bias current. It is also used to form
a simple parasitic pole to roll off the frequency
response at very high frequencies ( > 500MHz) using
the input parasitic capacitance. The gain resistor (RG)
is ac-coupled, giving the circuit a dc gain of +1, which
puts the input dc bias voltage (2.5V) on the output as
well. The output voltage can swing to within 1V of
either supply pin while delivering > 40mA output
current.
Figure 52 shows the inverting input differential
configuration used as the basis for the ±5V and +5V
Typical
Characteristics.
This
circuit
offers
a
combination of excellent distortion with low quiescent
current.
Figure 53. Differential Noninverting Specification
and Test Circuit
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): OPA2889



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com