Electronic Components Datasheet Search
  English  ▼

X  

OPA2889 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA2889
Description  Dual, Low-Power, Wideband, Voltage-Feedback
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2889 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button OPA2889 Datasheet HTML 24Page - National Semiconductor (TI) OPA2889 Datasheet HTML 25Page - National Semiconductor (TI) OPA2889 Datasheet HTML 26Page - National Semiconductor (TI) OPA2889 Datasheet HTML 27Page - National Semiconductor (TI) OPA2889 Datasheet HTML 28Page - National Semiconductor (TI) OPA2889 Datasheet HTML 29Page - National Semiconductor (TI) OPA2889 Datasheet HTML 30Page - National Semiconductor (TI) OPA2889 Datasheet HTML 31Page - National Semiconductor (TI) OPA2889 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
INPUT AND ESD PROTECTION
External
Pin
+V
CC
-VCC
Internal
Circuitry
OPA2889
SBOS373B – JUNE 2007 – REVISED AUGUST 2008 ....................................................................................................................................................... www.ti.com
e) Socketing a high-speed part like the OPA2889
protection
diodes
can
typically
support
30mA
is not recommended. The additional lead length and
continuous
current.
Where
higher
currents
are
pin-to-pin capacitance introduced by the socket can
possible (for example, in systems with ±15V supply
create an extremely troublesome parasitic network
parts driving into the OPA2889), current-limiting
that can make it almost impossible to achieve a
series resistors should be added into the two inputs.
smooth, stable frequency response. Best results are
Keep these resistor values as low as possible since
obtained by soldering the OPA2889 onto the board.
high values degrade both noise performance and
frequency response.
The OPA2889 is built using a very high-speed
complementary bipolar process. The internal junction
breakdown voltages are relatively low for these very
small geometry devices. These breakdowns are
reflected in the Absolute Maximum Ratings table. All
device pins are protected with internal ESD protection
diodes to the power supplies, as shown in Figure 64.
These diodes provide moderate protection to input
Figure 64. Internal ESD Protection
overdrive voltages above the supplies as well. The
28
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2889



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com