Electronic Components Datasheet Search
  English  ▼

X  

OPA2889 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA2889
Description  Dual, Low-Power, Wideband, Voltage-Feedback
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2889 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button OPA2889 Datasheet HTML 14Page - National Semiconductor (TI) OPA2889 Datasheet HTML 15Page - National Semiconductor (TI) OPA2889 Datasheet HTML 16Page - National Semiconductor (TI) OPA2889 Datasheet HTML 17Page - National Semiconductor (TI) OPA2889 Datasheet HTML 18Page - National Semiconductor (TI) OPA2889 Datasheet HTML 19Page - National Semiconductor (TI) OPA2889 Datasheet HTML 20Page - National Semiconductor (TI) OPA2889 Datasheet HTML 21Page - National Semiconductor (TI) OPA2889 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
HIGH-PERFORMANCE DAC
WIDEBAND VIDEO MULTIPLEXING
1
2 R C
p F F
=
GBP
4 R C
p F D
(1)
f
=
-3dB
GBP
2 R C
p F D
(2)
High-Speed
DAC
V =I R
O
O
F
-
-
V = I R
O
O
F
R
F1
R
F2
C
F1
C
F2
GBP
GainBandwidth
®
Product(Hz)fortheOPA2889
C
D1
C
D2
I
O
-IO
50W
50W
1/2
OPA2889
1/2
OPA2889
146W
2kW
82.5W
75
Cable
W
75
Load
W
RG-59
82.5W
75W
402W
340W
Video1
+5V
+5V
-5V
146W
2kW
75W
402W
340W
Video2
-5V
+5V
V
DIS
DISA
DISB
1/2
OPA2889
1/2
OPA2889
OPA2889
SBOS373B – JUNE 2007 – REVISED AUGUST 2008 ....................................................................................................................................................... www.ti.com
TRANSIMPEDANCE AMPLIFIER
One common application for video speed amplifiers
High-frequency
DDS
Digital-to-Analog
Converters
that include a disable pin is to wire multiple amplifier
(DACs) require a low distortion output amplifier to
outputs together, then select one of several possible
retain their SFDR performance into real-world loads.
video inputs to source onto a single line. This simple
Figure
54
shows
a
single-ended
output
drive
wired-OR
video
multiplexer
can
be
easily
implementation. The diagram shows the signal output
implemented using the OP2889IDGS (MSOP-10
current(s) connected into the virtual ground summing
package only), as shown in Figure 55.
junction(s) of the OPA2889, which is set up as a
transimpedance stage or I-V converter. If the DAC
requires that its outputs terminate to a compliance
voltage
other
than
ground
for
operation,
the
appropriate voltage level may be applied to the
noninverting input of the OPA2889. The dc gain for
this circuit is equal to RF. At high frequencies, the
DAC output capacitance (CD in Figure 54) produces a
zero in the noise gain for the OPA2889 that may
cause
peaking
in
the
closed-loop
frequency
response. CF is added across RF to compensate for
this
noise
gain
peaking.
To
achieve
a
flat
transimpedance frequency response, the pole in each
feedback network should be set to:
which gives a cutoff frequency f–3dB of approximately:
Figure 54. DAC Transimpedance Amplifier
Figure 55. 2-Channel Video Multiplexer (SO-14 package only)
18
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2889



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com