Electronic Components Datasheet Search
  English  ▼

X  

OPA2889 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA2889
Description  Dual, Low-Power, Wideband, Voltage-Feedback
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2889 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button OPA2889 Datasheet HTML 19Page - National Semiconductor (TI) OPA2889 Datasheet HTML 20Page - National Semiconductor (TI) OPA2889 Datasheet HTML 21Page - National Semiconductor (TI) OPA2889 Datasheet HTML 22Page - National Semiconductor (TI) OPA2889 Datasheet HTML 23Page - National Semiconductor (TI) OPA2889 Datasheet HTML 24Page - National Semiconductor (TI) OPA2889 Datasheet HTML 25Page - National Semiconductor (TI) OPA2889 Datasheet HTML 26Page - National Semiconductor (TI) OPA2889 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
INVERTING AMPLIFIER OPERATION
50W
R
F
750W
R
G
375W
R
B
261W
R
M
57.6W
Source
+5V
-5V
R
O
50W
0.1 F
m
6.8 F
m
+
0.1 F
m
0.1 F
m
6.8 F
m
+
50
Load
W
V
O
V
I
= 2
-
V
O
V
I
1/2
OPA2889
OPA2889
www.ti.com ....................................................................................................................................................... SBOS373B – JUNE 2007 – REVISED AUGUST 2008
with a 750
Ω resistor across the two op amp inputs,
the voltage follower response is similar to the gain of
+2V/V response of Figure 51. Reducing the value of
the resistor across the op amp inputs further limits the
frequency response due to increased noise gain.
The OPA2889 exhibits minimal bandwidth reduction
going to single-supply (+5V) operation as compared
with ±5V. This behavior occurs because the internal
bias control circuitry retains nearly constant quiescent
current as the total supply voltage between the
supply pins is changed.
The OPA2889 is a general-purpose, wideband,
voltage-feedback op amp; therefore, all of the familiar
op amp application circuits are available to the
designer. Inverting operation is one of the more
common
requirements
and
offers
several
performance benefits. See Figure 60 for a typical
inverting configuration where the I/O impedances and
signal gain from Figure 50 are retained in an inverting
Figure 60. Gain of –2V/V Example Circuit
circuit configuration.
In the inverting configuration, three key design
The second major consideration, touched on in the
considerations must be noted. The first is that the
previous
paragraph,
is
that
the
signal
source
gain resistor (RG) becomes part of the signal channel
impedance becomes part of the noise gain equation
input impedance. If input impedance matching is
and influences the bandwidth. For the example in
desired (which is beneficial whenever the signal is
Figure 60, the RM value combined in parallel with the
coupled through a cable, twisted-pair, long PCB
external 50
Ω source impedance yields an effective
trace, or other transmission line conductor), RG may
driving impedance of 50
Ω || 57.6Ω = 26.7Ω. This
be set equal to the required termination value and RF
impedance is added in series with RG for calculating
adjusted to give the desired gain. This consideration
the noise gain (NG). The resulting NG is 2.86V/V for
is the simplest approach and results in optimum
Figure 60, as opposed to only 2V/V if RM could be
bandwidth and noise performance. However, at low
eliminated
as
discussed
above.
Therefore,
the
inverting gains, the resultant feedback resistor value
bandwidth is slightly lower for the gain of –2V/V
can present a significant load to the amplifier output.
circuit of Figure 60 than for the gain of +2V/V circuit
For an inverting gain of –2V/V, setting RG to 50Ω for
of Figure 50.
input matching eliminates the need for RM but
requires a 100
Ω feedback resistor. This approach has
The third important consideration in inverting amplifier
the
interesting
advantage
that
the
noise
gain
design is setting the bias current cancellation resistor
becomes
equal
to
2V/V
for
a
50
Ω
source
on the noninverting input (RB). If this resistor is set
impedance—the same as the noninverting circuits
equal to the total dc resistance looking out of the
considered
in
Figure
60
The
amplifier
output,
inverting node, the output dc error, as a result of the
however, now sees the 100
Ω feedback resistor in
input bias currents, is reduced to (Input Offset
parallel with the external load. In general, the
Current) × RF. If the 50Ω source impedance is
feedback resistor should be limited to the 200
Ω to
dc-coupled in Figure 60, the total resistance to
1.5k
Ω range. In this case, it is preferable to increase
ground on the inverting input is 402
Ω.
both the RF and RG values (see Figure 60), and then
Combining
this
resistance
in
parallel
with
the
achieve the input matching impedance with a third
feedback resistor gives the RB = 261Ω used in this
resistor (RM) to ground. The total input impedance
example. To reduce the additional high-frequency
becomes the parallel combination of RG and RM.
noise introduced by this resistor, it is sometimes
bypassed with a capacitor. As long as RB < 350Ω, the
capacitor is not required because the total noise
contribution of all other terms will be less than that of
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): OPA2889



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com