Electronic Components Datasheet Search
  English  ▼

X  

OPA2889 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA2889
Description  Dual, Low-Power, Wideband, Voltage-Feedback
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2889 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button OPA2889 Datasheet HTML 11Page - National Semiconductor (TI) OPA2889 Datasheet HTML 12Page - National Semiconductor (TI) OPA2889 Datasheet HTML 13Page - National Semiconductor (TI) OPA2889 Datasheet HTML 14Page - National Semiconductor (TI) OPA2889 Datasheet HTML 15Page - National Semiconductor (TI) OPA2889 Datasheet HTML 16Page - National Semiconductor (TI) OPA2889 Datasheet HTML 17Page - National Semiconductor (TI) OPA2889 Datasheet HTML 18Page - National Semiconductor (TI) OPA2889 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
TYPICAL CHARACTERISTICS: VS = +5V, Differential
9
6
3
0
3
6
9
-
-
-
0
10
20
30
40
50
60
70
80
90
100 110
Frequency(MHz)
R =750
R =200
G =+2V/V
F
D
W
W
L
V =4V
O
PP
V =1V
O
PP
6
3
0
3
6
9
12
15
-
-
-
-
-
1
200
Frequency(MHz)
10
100
G =+5V/V
D
G =+2V/V
D
G =+10V/V
D
G =+1V/V
R =0
D
F
W
R =750
F
W
R =200W
L
-60
65
70
75
80
85
-
-
-
-
-
100
1k
LoadResistance( )
W
V =4V
O
PP
D
f=1MHz
G =+2V/V
3rdHarmonic
2ndHarmonic
-
-
-
-
-
-
-
30
40
50
60
70
80
90
100
110
-
-
0.1
1
10
Frequency(MHz)
R =200W
L
D
V =4V
G =+2V/V
O
PP
3rdHarmonic
2ndHarmonic
-
-
-
-
-
-
-
60
65
70
75
80
85
90
95
100
-
-
0.1
1
10
OutputVoltage(V
)
PP
R =400W
L
D
f=1MHz
G =+2V/V
3rdHarmonic
2ndHarmonic
OPA2889
www.ti.com ....................................................................................................................................................... SBOS373B – JUNE 2007 – REVISED AUGUST 2008
At TA = +25°C, Differential Gain = +2V/V, and RL = 200Ω, unless otherwise noted. See Figure 52.
DIFFERENTIAL SMALL-SIGNAL FREQUENCY RESPONSE
DIFFERENTIAL LARGE-SIGNAL FREQUENCY RESPONSE
Figure 45.
Figure 46.
DIFFERENTIAL DISTORTION vs LOAD RESISTANCE
DIFFERENTIAL DISTORTION vs FREQUENCY
Figure 47.
Figure 48.
DIFFERENTIAL DISTORTION vs OUTPUT VOLTAGE
Figure 49.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): OPA2889



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com