Electronic Components Datasheet Search
  English  ▼

X  

OPA2889 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA2889
Description  Dual, Low-Power, Wideband, Voltage-Feedback
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2889 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button OPA2889 Datasheet HTML 25Page - National Semiconductor (TI) OPA2889 Datasheet HTML 26Page - National Semiconductor (TI) OPA2889 Datasheet HTML 27Page - National Semiconductor (TI) OPA2889 Datasheet HTML 28Page - National Semiconductor (TI) OPA2889 Datasheet HTML 29Page - National Semiconductor (TI) OPA2889 Datasheet HTML 30Page - National Semiconductor (TI) OPA2889 Datasheet HTML 31Page - National Semiconductor (TI) OPA2889 Datasheet HTML 32Page - National Semiconductor (TI) OPA2889 Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
OPA2889
www.ti.com ....................................................................................................................................................... SBOS373B – JUNE 2007 – REVISED AUGUST 2008
Revision History
Changes from Revision A (September 2007) to Revision B .......................................................................................... Page
• Changed storage temperature range rating in Absolute Maximum Ratings table from –40°C to +125°C to –65°C to
+125°C ................................................................................................................................................................................... 2
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): OPA2889



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com