Electronic Components Datasheet Search
  English  ▼

X  

THS4051CD Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4051CD
Description  70 MHz High Speed AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4051CD Datasheet(HTML) 5 Page - National Semiconductor (TI)

  THS4051CD Datasheet HTML 1Page - National Semiconductor (TI) THS4051CD Datasheet HTML 2Page - National Semiconductor (TI) THS4051CD Datasheet HTML 3Page - National Semiconductor (TI) THS4051CD Datasheet HTML 4Page - National Semiconductor (TI) THS4051CD Datasheet HTML 5Page - National Semiconductor (TI) THS4051CD Datasheet HTML 6Page - National Semiconductor (TI) THS4051CD Datasheet HTML 7Page - National Semiconductor (TI) THS4051CD Datasheet HTML 8Page - National Semiconductor (TI) THS4051CD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
THS4051
THS4052
SLOS238D − MAY 1999 − REVISED AUGUST 2008
www.ti.com
5
electrical characteristics at TA = 25°C, VCC =±15 V, RL = 150 Ω (unless otherwise noted) (continued)
dc performance
PARAMETER
TEST CONDITIONS†
THS405xC, THS405xI
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC = ±15 V, RL = 1 kΩ
VO = ±10 V
TA = 25°C
5
9
V/mV
Open loop gain
VCC = ±15 V, RL = 1 kΩ
VO = ±10 V
TA = full range 3
V/mV
Open loop gain
VCC = ±5 V, RL = 250 Ω
VO = ±2.5 V
TA = 25°C
2.5
6
V/mV
VCC = ±5 V, RL = 250 Ω
VO = ±2.5 V
TA = full range 2
V/mV
VOS
Input offset voltage
VCC = ±5 V or ±15 V
TA = 25°C
2.5
10
mV
VOS
Input offset voltage
VCC = ±5 V or ±15 V
TA = full range
12
mV
Offset voltage drift
VCC = ±5 V or ±15 V
TA = full range
15
µV/°C
IIB
Input bias current
VCC = ±5 V or ±15 V
TA = 25°C
2.5
6
A
IIB
Input bias current
VCC = ±5 V or ±15 V
TA = full range
8
µA
IOS
Input offset current
VCC = ±5 V or ±15 V
TA = 25°C
35
250
nA
IOS
Input offset current
VCC = ±5 V or ±15 V
TA = full range
400
nA
Offset current drift
TA = full range
0.3
nA/
°C
† Full range = 0°C to 70°C for C suffix and −40°C to 85°C for I suffix
input characteristics
PARAMETER
TEST CONDITIONS†
THS405xC, THS405xI
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VICR
Common-mode input voltage range
VCC = ±15 V
±13.8 ±14.3
V
VICR
Common-mode input voltage range
VCC = ±5 V
±3.8
±4.3
V
CMRR
Common mode rejection ratio
VCC = ±15 V,
VICR = ±12 V
TA = full range
70
100
dB
CMRR
Common mode rejection ratio
VCC = ±5 V,
VICR = ±2.5 V
TA = full range
70
100
dB
ri
Input resistance
1
M
Ω
Ci
Input capacitance
1.5
pF
† Full range = 0°C to 70°C for C suffix and −40°C to 85°C for I suffix
output characteristics
PARAMETER
TEST CONDITIONS†
THS405xC, THS405xI
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC = ±15 V
RL = 250 Ω
±11.5
±13
V
VO
Output voltage swing
VCC = ±5 V
RL = 150 Ω
±3.2
±3.5
V
VO
Output voltage swing
VCC = ±15 V
RL = 1 kΩ
±13
±13.6
V
VCC = ±5 V
RL = 1 kΩ
±3.5
±3.8
V
IO
Output current‡
VCC = ±15 V
RL = 20 Ω
80
100
mA
IO
Output current‡
VCC = ±5 V
RL = 20 Ω
50
75
mA
ISC
Short-circuit current‡
VCC = ±15 V
150
mA
RO
Output resistance
Open loop
13
W
† Full range = 0°C to 70°C for C suffix and −40°C to 85°C for I suffix
‡ Observe power dissipation ratings to keep the junction temperature below the absolute maximum rating when the output is heavily loaded or shorted.
See the absolute maximum ratings section of this data sheet for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com