Electronic Components Datasheet Search
  English  ▼

X  

THS4051CD Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4051CD
Description  70 MHz High Speed AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4051CD Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button THS4051CD Datasheet HTML 4Page - National Semiconductor (TI) THS4051CD Datasheet HTML 5Page - National Semiconductor (TI) THS4051CD Datasheet HTML 6Page - National Semiconductor (TI) THS4051CD Datasheet HTML 7Page - National Semiconductor (TI) THS4051CD Datasheet HTML 8Page - National Semiconductor (TI) THS4051CD Datasheet HTML 9Page - National Semiconductor (TI) THS4051CD Datasheet HTML 10Page - National Semiconductor (TI) THS4051CD Datasheet HTML 11Page - National Semiconductor (TI) THS4051CD Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
THS4051
THS4052
SLOS238D − MAY 1999 − REVISED AUGUST 2008
www.ti.com
8
electrical characteristics at TA = full range, VCC = ±15 V, RL = 1 kΩ (unless otherwise noted)
(continued)
output characteristics
PARAMETER
TEST CONDITIONS†
THS4051M
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC = ±15 V
RL = 250 Ω
±12
±13
V
VO
Output voltage swing
VCC = ±5 V
RL = 150 Ω
±3.2
±3.5
V
VO
Output voltage swing
VCC = ±15 V
RL = 1 kΩ
±13
±13.6
V
VCC = ±5 V
RL = 1 kΩ
±3.5
±3.8
V
VCC = ±15 V,
TA = 25°C
80
100
IO
Output current‡
VCC = ±15 V,
TA = full range
RL = 20 Ω
70
mA
VCC = ±5 V
50
75
ISC
Short-circuit current‡
VCC = ±15 V
150
mA
RO
Output resistance
Open loop
13
W
† Full range = −55°C to 125°C for the THS4051M.
‡ Observe power dissipation ratings to keep the junction temperature below the absolute maximum rating when the output is heavily loaded or shorted.
See the absolute maximum ratings section of this data sheet for more information.
power supply
PARAMETER
TEST CONDITIONS†
THS4051M
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC
Supply voltage operating range
Dual supply
±4.5
±16.5
V
VCC
Supply voltage operating range
Single supply
9
33
V
VCC = ±15 V
TA = 25°C
8.5
10.5
ICC
Supply current (per amplifier)
VCC = ±15 V
TA = full range
11.5
mA
ICC
Supply current (per amplifier)
VCC = ±5 V
TA = 25°C
7.5
9.5
mA
VCC = ±5 V
TA = full range
10.5
PSRR
Power supply rejection ratio
VCC = ±5 V or ±15 V
TA = full range 70
84
dB
† Full range = −55°C to 125°C for the THS4051M.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com