Electronic Components Datasheet Search
  English  ▼

X  

THS4051CD Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4051CD
Description  70 MHz High Speed AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4051CD Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button THS4051CD Datasheet HTML 2Page - National Semiconductor (TI) THS4051CD Datasheet HTML 3Page - National Semiconductor (TI) THS4051CD Datasheet HTML 4Page - National Semiconductor (TI) THS4051CD Datasheet HTML 5Page - National Semiconductor (TI) THS4051CD Datasheet HTML 6Page - National Semiconductor (TI) THS4051CD Datasheet HTML 7Page - National Semiconductor (TI) THS4051CD Datasheet HTML 8Page - National Semiconductor (TI) THS4051CD Datasheet HTML 9Page - National Semiconductor (TI) THS4051CD Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
THS4051
THS4052
SLOS238D − MAY 1999 − REVISED AUGUST 2008
www.ti.com
6
electrical characteristics at TA = 25°C, VCC =±15 V, RL = 150 Ω (unless otherwise noted) (continued)
power supply
PARAMETER
TEST CONDITIONS†
THS405xC, THS405xI
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC
Supply voltage operating range
Dual supply
±4.5
±16.5
V
VCC
Supply voltage operating range
Single supply
9
33
V
VCC = ±15 V
TA = 25°C
8.5
10.5
ICC
Supply current (per amplifier)
VCC = ±15 V
TA = full range
11.5
mA
ICC
Supply current (per amplifier)
VCC = ±5 V
TA = 25°C
7.5
9.5
mA
VCC = ±5 V
TA = full range
10.5
PSRR
Power supply rejection ratio
VCC = ±5 V or ±15 V
TA = 25°C
70
84
dB
PSRR
Power supply rejection ratio
VCC = ±5 V or ±15 V
TA = full range 68
dB
† Full range = 0°C to 70°C for C suffix and −40°C to 85°C for I suffix
ELECTRICAL CHARACTERISTICS AT TA = FULL RANGE, VCC = ±15 V, RL = 1 KΩ (UNLESS
OTHERWISE NOTED)
dynamic performance
PARAMETER
TEST CONDITIONS†
THS4051M
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Unity gain bandwidth
VCC = ±15 V,
Closed loop
RL = 1 kΩ
50§
70
MHz
VCC = ±15 V
Gain = 1
70
Dynamic performance small-signal bandwidth (−3
VCC = ±5 V
Gain = 1
70
MHz
Dynamic performance small-signal bandwidth (−3
dB)
VCC = ±15 V
Gain = 2
38
MHz
BW
dB)
VCC = ±5 V
Gain = 2
38
BW
Bandwidth for 0.1 dB flatness
VCC = ±15 V
Gain = 1
30
MHz
Bandwidth for 0.1 dB flatness
VCC = ±5 V
Gain = 1
30
MHz
Full power bandwidth‡
VO(pp) = 20 V,
VCC = ±15 V
3.8
MHz
Full power bandwidth‡
VO(pp) = 5 V,
VCC = ±5 V
12.7
MHz
SR
Slew rate
VCC = ±15 V,
RL = 1 kΩ
240§
300
V/ s
SR
Slew rate
VCC = ±5 V,
5-V step
Gain = −1
200
V/
µs
Settling time to 0.1%
VCC = ±15 V,
5-V step
Gain = −1
60
ns
ts
Settling time to 0.1%
VCC = ±5 V,
2-V step
Gain = −1
60
ns
ts
Settling time to 0.01%
VCC = ±15 V,
5-V step
Gain = −1
130
ns
Settling time to 0.01%
VCC = ±5 V,
2-V step
Gain = −1
140
ns
† Full range = −55°C to 125°C for the THS4051M.
‡ Full power bandwidth = slew rate/2 πVO(Peak).
§ This parameter is not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com