Electronic Components Datasheet Search
  English  ▼

X  

THS4051CD Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4051CD
Description  70 MHz High Speed AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4051CD Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button THS4051CD Datasheet HTML 8Page - National Semiconductor (TI) THS4051CD Datasheet HTML 9Page - National Semiconductor (TI) THS4051CD Datasheet HTML 10Page - National Semiconductor (TI) THS4051CD Datasheet HTML 11Page - National Semiconductor (TI) THS4051CD Datasheet HTML 12Page - National Semiconductor (TI) THS4051CD Datasheet HTML 13Page - National Semiconductor (TI) THS4051CD Datasheet HTML 14Page - National Semiconductor (TI) THS4051CD Datasheet HTML 15Page - National Semiconductor (TI) THS4051CD Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
THS4051
THS4052
SLOS238D − MAY 1999 − REVISED AUGUST 2008
www.ti.com
12
TYPICAL CHARACTERISTICS
Figure 29
0
1
2
3
4
5
6
7
8
OUTPUT AMPLITUDE
vs
FREQUENCY
f - Frequency - Hz
100M
10M
100k
1M
CL= 10 pF
RL = 1 kΩ
RL = 150 Ω
VCC = ±15 V
Gain = 2
RL = 2.7 k Ω
VO(PP) = 125 mV
Figure 30
−6
−5
−4
−3
−2
−1
0
1
2
OUTPUT AMPLITUDE
vs
FREQUENCY
f - Frequency - Hz
100M
10M
100k
1M
VCC = ± 15 V
Gain = −1
RL = 150 Ω
VO(PP) = 62 mV
RF = 1 kΩ
RF = 3.9 kΩ
RF = 5.6 kΩ
Figure 31
−6
−5
−4
−3
−2
−1
0
1
2
OUTPUT AMPLITUDE
vs
FREQUENCY
f - Frequency - Hz
100M
10M
100k
1M
VCC = ± 5 V
Gain = −1
RL = 150 Ω
VO(PP) = 62 mV
RF = 1 kΩ
RF = 5.6 kΩ
RF = 3.9 kΩ
Figure 32
−30
−25
−20
−15
−10
−5
0
5
10
OUTPUT AMPLITUDE
vs
FREQUENCY
f - Frequency - Hz
100M
10M
100k
1M
VCC = ± 15 V
Gain = 2
RF = 2.7 kΩ
RL = 150 Ω
VO(PP)=125 mV
VO(PP)=2.25 V
VO(PP)=0.4 V
Figure 33
20
40
60
80
100
120
140
160
180
12345
SETTING TIME
vs
OUTPUT STEP
VO - Output Step Voltage - V
RF = 360 Ω
VCC = ± 5 V
0.1%
VCC = ± 15 V
0.1%
VCC = ± 5 V
0.01%
VCC = ± 15 V
0.01%
Figure 34
DIFFERENTIAL GAIN
vs
NUMBER OF 150-
Ω LOADS
0.06
0.04
123
4
Number of 150-
Ω Loads
0.02
0
0.08
0.10
0.12
Gain = 2
40 IRE-NTSC Modulation
Worst Case
± 100 IRE Ramp
VCC = ± 15 V
VCC = ± 5 V
Figure 35
DIFFERENTIAL GAIN
vs
NUMBER OF 150-
Ω LOADS
0.12
0.08
123
4
Number of 150-
Ω Loads
0.04
0
0.16
0.2
Gain = 2
40 IRE-PAL Modulation
Worst Case
± 100 IRE Ramp
VCC = ± 15 V
VCC = ± 5 V
Figure 36
DIFFERENTIAL PHASE
vs
NUMBER OF 150-
Ω LOADS
0.4
°
0.3
°
0.2
°
12
3
4
Number of 150-
Ω Loads
0.1
°
0
°
0.5
°
Gain = 2
RF = 1 kΩ
40 IRE-NTSC Modulation
Worst Case
± 100 IRE Ramp
VCC = ± 15 V
VCC = ± 5 V
Figure 37
DIFFERENTIAL PHASE
vs
NUMBER OF 150-
Ω LOADS
0.4
°
0.3
°
0.2
°
12
3
4
Number of 150-
Ω Loads
0.1
°
0
°
0.6
°
0.5
°
Gain = 2
40 IRE-PAL Modulation
Worst Case
± 100 IRE Ramp
VCC = ± 15 V
VCC = ± 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com