Electronic Components Datasheet Search
  English  ▼

X  

THS4051CD Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4051CD
Description  70 MHz High Speed AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4051CD Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button THS4051CD Datasheet HTML 12Page - National Semiconductor (TI) THS4051CD Datasheet HTML 13Page - National Semiconductor (TI) THS4051CD Datasheet HTML 14Page - National Semiconductor (TI) THS4051CD Datasheet HTML 15Page - National Semiconductor (TI) THS4051CD Datasheet HTML 16Page - National Semiconductor (TI) THS4051CD Datasheet HTML 17Page - National Semiconductor (TI) THS4051CD Datasheet HTML 18Page - National Semiconductor (TI) THS4051CD Datasheet HTML 19Page - National Semiconductor (TI) THS4051CD Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
THS4051
THS4052
SLOS238D − MAY 1999 − REVISED AUGUST 2008
www.ti.com
16
APPLICATION INFORMATION
NOISE CALCULATIONS AND NOISE FIGURE (CONTINUED)
This brings up another noise measurement usually preferred in RF applications, the noise figure (NF). Noise figure is a
measure of noise degradation caused by the amplifier. The value of the source resistance must be defined and is typically
50
Ω in RF applications.
NF
+ 10log
e
2
ni
e
Rs
2
Because the dominant noise components are generally the source resistance and the internal amplifier noise voltage, we
can approximate noise figure as:
NF
+ 10log 1 )
e
n
2
) IN )
R
S
2
4kTR
S
Figure 44 shows the noise figure graph for the THS405x.
0
5
10
15
20
25
30
35
40
NOISE FIGURE
vs
SOURCE RESISTANCE
Source Resistance -
Ω
100
1k
10k
10
100k
f = 10 kHz
TA = 25°C
Figure 44. Noise Figure vs Source Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com