Electronic Components Datasheet Search
  English  ▼

X  

THS4051CD Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4051CD
Description  70 MHz High Speed AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4051CD Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button THS4051CD Datasheet HTML 6Page - National Semiconductor (TI) THS4051CD Datasheet HTML 7Page - National Semiconductor (TI) THS4051CD Datasheet HTML 8Page - National Semiconductor (TI) THS4051CD Datasheet HTML 9Page - National Semiconductor (TI) THS4051CD Datasheet HTML 10Page - National Semiconductor (TI) THS4051CD Datasheet HTML 11Page - National Semiconductor (TI) THS4051CD Datasheet HTML 12Page - National Semiconductor (TI) THS4051CD Datasheet HTML 13Page - National Semiconductor (TI) THS4051CD Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
THS4051
THS4052
SLOS238D − MAY 1999 − REVISED AUGUST 2008
www.ti.com
10
TYPICAL CHARACTERISTICS
Figure 12
−20
−30
−40
−50
−60
−70
100k
1M
−80
f − Frequency − Hz
10M
100M
VCC = ± 15 V
Gain = 2
RF = 3.6 kΩ
RL = 150 Ω
CROSSTALK
vs
FREQUENCY
Figure 13
−20
0
20
40
60
80
100
OPEN LOOP GAIN AND
PHASE RESPONSE
vs
FREQUENCY
f - Frequency - Hz
100M
100k
1k
10k
−60
−90
0
30
−150
−120
−30
1M
10M
VCC = ± 5 V & ±15 V
Gain
Phase
Gain
Figure 14
−100
−90
−80
−70
−60
−50
−40
T
OT
AL
HARMONIC DISTORTION
vs
FREQUENCY
f - Frequency - Hz
20M
10M
100k
1M
VCC = ± 15 V
Gain = 2
VO(PP) = 2 V
RL = 150 Ω
RL = 1 kΩ
Figure 15
0
DISTORTION
vs
OUTPUT VOLTAGE
−55
−60
−66
−70
−75
−80
VO − Output Voltage − V
−85
−90
510
15
20
−50
3rd Harmonic
VCC = ± 15 V
RL = 1 kΩ
G = 5
f = 1 MHz
2nd Harmonic
Figure 16
0
DISTORTION
vs
OUTPUT VOLTAGE
−55
−60
−66
−70
−75
−80
−85
−90
510
15
20
−50
VCC = ± 15 V
RL = 150 Ω
G = 5
f = 1 MHz
2nd
Harmonic
VO − Output Voltage − V
3rd Harmonic
Figure 17
DISTORTION
vs
FREQUENCY
−40
−50
−60
−70
−80
f − Frequency − Hz
−90
−100
100k
1M
10M
100M
VCC = ± 15 V
RL = 1 kΩ
G = 2
VO(PP) = 2 V
2nd Harmonic
3rd Harmonic
Figure 18
DISTORTION
vs
FREQUENCY
−40
−50
−60
−70
−80
f − Frequency − Hz
−90
−100
100k
1M
10M
100M
VCC = ± 5 V
RL = 1 kΩ
G = 2
VO(PP) = 2 V
2nd Harmonic
3rd Harmonic
Figure 19
DISTORTION
vs
FREQUENCY
−40
−50
−60
−70
−80
f − Frequency − Hz
−90
−100
100k
1M
10M
100M
VCC = ± 15 V
RL = 150 Ω
G = 2
VO(PP) = 2 V
2nd Harmonic
3rd Harmonic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com