Electronic Components Datasheet Search
  English  ▼

X  

800FB Datasheet(PDF) 46 Page - Numonyx B.V

Part # 800FB
Description  Top / Bottom Boot Block 5 V Supply Flash Memory
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

800FB Datasheet(HTML) 46 Page - Numonyx B.V

Back Button 800FB Datasheet HTML 42Page - Numonyx B.V 800FB Datasheet HTML 43Page - Numonyx B.V 800FB Datasheet HTML 44Page - Numonyx B.V 800FB Datasheet HTML 45Page - Numonyx B.V 800FB Datasheet HTML 46Page - Numonyx B.V 800FB Datasheet HTML 47Page - Numonyx B.V 800FB Datasheet HTML 48Page - Numonyx B.V 800FB Datasheet HTML 49Page - Numonyx B.V 800FB Datasheet HTML 50Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 67 page
background image
Package Mechanical
M29FxxxFT, M29FxxxFB
46/67
Figure 25.
SO44 – 44 lead plastic small outline, 500 mils body width, package outline
Table 20.
SO44 - 44 lead Plastic Small Outline, 500 mils body width, package
mechanical data
Symbol
millimeters
Typ
Min
Max
A3.00
A1
0.10
A2
2.69
2.56
2.79
b
0.35
0.50
c
0.18
0.28
D
28.50
28.37
28.63
ddd
0.10
E
16.03
15.77
16.28
E1
12.60
12.47
12.73
e1.27
–
–
L0.79
L1
1.73
Θ
8°
N44
E1
44
e
D
c
E
1
22
23
b
SO-F
L
A1
A
ddd
A2
θ
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com