Electronic Components Datasheet Search
  English  ▼

X  

800FB Datasheet(PDF) 23 Page - Numonyx B.V

Part # 800FB
Description  Top / Bottom Boot Block 5 V Supply Flash Memory
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

800FB Datasheet(HTML) 23 Page - Numonyx B.V

Back Button 800FB Datasheet HTML 19Page - Numonyx B.V 800FB Datasheet HTML 20Page - Numonyx B.V 800FB Datasheet HTML 21Page - Numonyx B.V 800FB Datasheet HTML 22Page - Numonyx B.V 800FB Datasheet HTML 23Page - Numonyx B.V 800FB Datasheet HTML 24Page - Numonyx B.V 800FB Datasheet HTML 25Page - Numonyx B.V 800FB Datasheet HTML 26Page - Numonyx B.V 800FB Datasheet HTML 27Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 67 page
background image
M29FxxxFT, M29FxxxFB
Bus Operations
23/67
3
Bus Operations
There are five standard bus operations that control the device. These are Bus Read, Bus
Write, Output Disable, Standby and Automatic Standby. See Table 2.: Bus Operations,
BYTE = VIL and Table 3.: Bus Operations, BYTE = VIH for a summary. Typically glitches of
less than 5ns on Chip Enable or Write Enable are ignored by the memory and do not affect
bus operations.
3.1
Bus Read
Bus Read operations read from the memory cells, or specific registers in the Command
Interface. A valid Bus Read operation involves setting the desired address on the Address
Inputs, applying a Low signal, VIL, to Chip Enable and Output Enable and keeping Write
Enable High, VIH. The Data Inputs/Outputs will output the value, see Figure 20.: Read Mode
AC Waveforms and Table 15.: Read AC Characteristics, for details of when the output
becomes valid.
3.2
Bus Write
Bus Write operations write to the Command Interface. A valid Bus Write operation begins by
setting the desired address on the Address Inputs. The Address Inputs are latched by the
Command Interface on the falling edge of Chip Enable or Write Enable, whichever occurs
last. The Data Inputs/Outputs are latched by the Command Interface on the rising edge of
Chip Enable or Write Enable, whichever occurs first. Output Enable must remain High, VIH,
during the whole Bus Write operation. See the following figures and tables:
Figure 21.: Write AC Waveforms, Write Enable Controlled
Figure 22.: Write AC Waveforms, Chip Enable Controlled,
Table 16.: Write AC Characteristics, Write Enable Controlled
Table 17.: Write AC Characteristics, Chip Enable Controlled.
3.3
Output Disable
The Data Inputs/Outputs are in the high impedance state when Output Enable is High, VIH.
3.4
Standby
When Chip Enable is High, VIH, the memory enters Standby mode and the Data
Inputs/Outputs pins are placed in the high-impedance state. To reduce the Supply Current to
the Standby Supply Current, ICC2, Chip Enable should be held within VCC ± 0.2V. For the
Standby current level see Table 14.: DC Characteristics.
During program or erase operations the memory will continue to use the Program/Erase
Supply Current, ICC3, for Program or Erase operations until the operation completes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com