Electronic Components Datasheet Search
  English  ▼

X  

800FB Datasheet(PDF) 32 Page - Numonyx B.V

Part # 800FB
Description  Top / Bottom Boot Block 5 V Supply Flash Memory
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

800FB Datasheet(HTML) 32 Page - Numonyx B.V

Back Button 800FB Datasheet HTML 28Page - Numonyx B.V 800FB Datasheet HTML 29Page - Numonyx B.V 800FB Datasheet HTML 30Page - Numonyx B.V 800FB Datasheet HTML 31Page - Numonyx B.V 800FB Datasheet HTML 32Page - Numonyx B.V 800FB Datasheet HTML 33Page - Numonyx B.V 800FB Datasheet HTML 34Page - Numonyx B.V 800FB Datasheet HTML 35Page - Numonyx B.V 800FB Datasheet HTML 36Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 67 page
background image
Command Interface
M29FxxxFT, M29FxxxFB
32/67
Table 6.
Program/Erase Times and Program/Erase Endurance Cycles, M29F160F
Typical values are measured at room temperature and nominal voltages; typical and maximum values are samples, not 100%
tested.
Chip Erase, Program, and Chip Program parameters: Maximum value measured at worst case conditions for both temperature
and VCC after 100,000 program/erase cycles.
Block Erase and Erase Suspend Latency parameters: Maximum value measured at worst case conditions for both temperature
and VCC.
Table 7.
Program/Erase Times and Program/Erase Endurance Cycles, M29F800F
Typical values are measured at room temperature and nominal voltages; typical and maximum values are samples, not 100%
tested.
Chip Erase, Program, and Chip Program parameters: Maximum value measured at worst case conditions for both temperature
and VCC after 100,000 program/erase cycles.
Block Erase and Erase Suspend Latency parameter: Maximum value measured at worst case conditions for both temperature
and VCC.
Parameter
Min
Typical
Max
Unit
Chip Erase
—
25
120
s
Block Erase (64 KBytes)
—
0.8
6
s
Erase Suspend Latency Time
—
20
25
µs
Program (Byte or Word)
—
11
200
µs
Chip Program (Byte by Byte)
—
24
120
s
Chip Program (Word by Word)
—
12
60
s
Program/Erase Cycles (per Block)
100,000
—
—
cycles
Data Retention
20
—
—
years
Parameter
Min
Typical
Max
Unit
Chip Erase
—
12
60
s
Block Erase (64 KBytes)
—
0.8
6
s
Erase Suspend Latency Time
—
20
25
µs
Program (Byte or Word)
—
11
200
µs
Chip Program (Byte by Byte)
—
12
—
s
Chip Program (Word by Word)
—
6
30
s
Program/Erase Cycles (per Block)
100,000
—
—
cycles
Data Retention
20
—
—
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com