Electronic Components Datasheet Search
  English  ▼

X  

800FB Datasheet(PDF) 60 Page - Numonyx B.V

Part # 800FB
Description  Top / Bottom Boot Block 5 V Supply Flash Memory
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

800FB Datasheet(HTML) 60 Page - Numonyx B.V

Back Button 800FB Datasheet HTML 56Page - Numonyx B.V 800FB Datasheet HTML 57Page - Numonyx B.V 800FB Datasheet HTML 58Page - Numonyx B.V 800FB Datasheet HTML 59Page - Numonyx B.V 800FB Datasheet HTML 60Page - Numonyx B.V 800FB Datasheet HTML 61Page - Numonyx B.V 800FB Datasheet HTML 62Page - Numonyx B.V 800FB Datasheet HTML 63Page - Numonyx B.V 800FB Datasheet HTML 64Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 67 page
background image
Block protection
M29FxxxFT, M29FxxxFB
60/67
Appendix C
Block protection
Block protection can be used to prevent any operation from modifying the data stored in the
Flash memory. Each Block can be protected individually. Once protected, Program and
Erase operations on the block fail to change the data.
There are three techniques that can be used to control Block Protection, these are the
Programmer technique, the In-System technique and Temporary Unprotection. Temporary
Unprotection is controlled by the Reset/Block Temporary Unprotection pin, RP; this is
described in the Signal Descriptions section.
Unlike the Command Interface of the Program/Erase Controller, the techniques for
protecting and unprotecting blocks could change between different Flash memory suppliers.
C.1
Programmer Technique
The Programmer technique uses high (VID) voltage levels on some of the bus pins. These
cannot be achieved using a standard microprocessor bus, therefore the technique is
recommended only for use in Programming Equipment.
To protect a block follow the flowchart in Figure 27.: Programmer Equipment Block Protect
Flowchart. During the Block Protect algorithm, the A19-A12 Address Inputs indicate the
address of the block to be protected. The block will be correctly protected only if A19-A12
remain valid and stable, and if Chip Enable is kept Low, VIL, all along the Protect and Verify
phases.
The Chip Unprotect algorithm is used to unprotect all the memory blocks at the same time.
This algorithm can only be used if all of the blocks are protected first. To unprotect the chip
follow Figure 28.: Programmer Equipment Chip Unprotect Flowchart and Table 37.:
Programmer Technique Bus Operations, BYTE = VIH or VIL, which give a summary of each
operation.
The timing on these flowcharts is critical. Care should be taken to ensure that, where a
pause is specified, it is followed as closely as possible. Do not abort the procedure before
reaching the end. Chip Unprotect can take several seconds and a user message should be
provided to show that the operation is progressing.
C.2
In-System Technique
The In-System technique requires a high voltage level on the Reset/Blocks Temporary
Unprotect pin, RP. This can be achieved without violating the maximum ratings of the
components on the microprocessor bus, therefore this technique is suitable for use after the
Flash memory has been fitted to the system.
To protect a block follow the flowchart in Figure 29.: In-System Equipment Block Protect
Flowchart. To unprotect the whole chip it is necessary to protect all of the blocks first, then
all the blocks can be unprotected at the same time. To unprotect the chip follow Figure 30.:
In-System Equipment Chip Unprotect Flowchart.
The timing on these flowcharts is critical. Care should be taken to ensure that, where a
pause is specified, it is followed as closely as possible. Do not allow the microprocessor to
service interrupts that will upset the timing and do not abort the procedure before reaching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com