Electronic Components Datasheet Search
  English  ▼

X  

800FB Datasheet(PDF) 56 Page - Numonyx B.V

Part # 800FB
Description  Top / Bottom Boot Block 5 V Supply Flash Memory
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

800FB Datasheet(HTML) 56 Page - Numonyx B.V

Back Button 800FB Datasheet HTML 52Page - Numonyx B.V 800FB Datasheet HTML 53Page - Numonyx B.V 800FB Datasheet HTML 54Page - Numonyx B.V 800FB Datasheet HTML 55Page - Numonyx B.V 800FB Datasheet HTML 56Page - Numonyx B.V 800FB Datasheet HTML 57Page - Numonyx B.V 800FB Datasheet HTML 58Page - Numonyx B.V 800FB Datasheet HTML 59Page - Numonyx B.V 800FB Datasheet HTML 60Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 67 page
background image
Common Flash Interface (CFI)
M29FxxxFT, M29FxxxFB
56/67
Appendix B
Common Flash Interface (CFI)
The Common Flash Interface is a JEDEC approved, standardized data structure that can be
read from the Flash memory device. It allows a system software to query the device to
determine various electrical and timing parameters, density information and functions
supported by the memory. The system can interface easily with the device, enabling the
software to upgrade itself when necessary.
When the CFI Query Command is issued the device enters CFI Query mode and the data
structure is read from the memory. Addresses used to retrieve the data are shown in the
following tables:
Table 31.: Query Structure Overview,
Table 32.: CFI Query Identification String,
Table 33.: CFI Query System Interface Information,
Table 34.: Device Geometry Definition,
Table 35.: Primary Algorithm-Specific Extended Query Table
Table 36.: Security Code Area
The CFI data structure also contains a security area where a 64-bit unique security number
is written (see Table 36.: Security Code Area). This area can be accessed only in Read
mode by the final user. It is impossible to change the security number after it has been
written by Numonyx. Issue a Read command to return to Read mode.
Table 31.
Query Structure Overview
Query data are always presented on the lowest order data outputs.
Table 32.
CFI Query Identification String
Address
Sub-section Name
Description
x16
x8
10h
20h
CFI Query Identification String
Command set ID and algorithm data offset
1Bh
36h
System Interface Information
Device timing & voltage information
27h
4Eh
Device Geometry Definition
Flash device layout
40h
80h
Primary Algorithm-specific Extended
Query table
Additional information specific to the Primary Algorithm
(optional)
61h
C2h
Security Code Area
64 bit unique device number
Address
Data
Description
Value
x16
x8
10h
20h
0051h
"Q"
11h
22h
0052h
Query Unique ASCII String "QRY"
"R"
12h
24h
0059h
"Y"
13h
26h
0002h
Primary Algorithm Command Set and Control Interface ID code 16 bit
ID code defining a specific algorithm
AMD
Compatible
14h
28h
0000h
15h
2Ah
0040h
Address for Primary Algorithm extended Query table (see Table 34.)
P = 40h
16h
2Ch
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com