Electronic Components Datasheet Search
  English  ▼

X  

800FB Datasheet(PDF) 31 Page - Numonyx B.V

Part # 800FB
Description  Top / Bottom Boot Block 5 V Supply Flash Memory
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

800FB Datasheet(HTML) 31 Page - Numonyx B.V

Back Button 800FB Datasheet HTML 27Page - Numonyx B.V 800FB Datasheet HTML 28Page - Numonyx B.V 800FB Datasheet HTML 29Page - Numonyx B.V 800FB Datasheet HTML 30Page - Numonyx B.V 800FB Datasheet HTML 31Page - Numonyx B.V 800FB Datasheet HTML 32Page - Numonyx B.V 800FB Datasheet HTML 33Page - Numonyx B.V 800FB Datasheet HTML 34Page - Numonyx B.V 800FB Datasheet HTML 35Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 67 page
background image
M29FxxxFT, M29FxxxFB
Command Interface
31/67
Table 5.
Commands, 8-bit mode, BYTE = VIL
X Don’t Care, PA Program Address, PD Program Data, BA Any address in the Block. All values in the table are in hexadecimal.
Command Interface: only uses A–1, A0-A10 and DQ0-DQ7 to verify the commands; A11-A19, DQ8-DQ14 and DQ15 are Don’t
Care. DQ15A–1 is A–1 when BYTE is VIL or DQ15 when BYTE is VIH.
Read/Reset: After a Read/Reset command, read the memory as normal until another command is issued.
Auto Select: After an Auto Select command, read Manufacturer ID, Device ID or Block Protection Status.
Program, Unlock Bypass Program, Chip Erase, Block Erase: After these commands read the Status Register until the
Program/Erase Controller completes and the memory returns to Read Mode. Add additional Blocks during Block Erase
Command with additional Bus Write Operations until Timeout Bit is set.
Unlock Bypass: After the Unlock Bypass command issue Unlock Bypass Program or Unlock Bypass Reset commands.
Unlock Bypass Reset: After the Unlock Bypass Reset command read the memory as normal until another command is issued.
Erase Suspend: After the Erase Suspend command read non-erasing memory blocks as normal, issue Auto Select and
Program commands on non-erasing blocks as normal.
Erase Resume: After the Erase Resume command the suspended Erase operation resumes, read the Status Register until the
Program/Erase Controller completes and the memory returns to Read Mode.
CFI Query: Command is valid when device is ready to read array data or when device is in Auto Select mode.
Command
Bus Write Operations
1st
2nd
3rd
4th
5th
6th
Addr
Data
Addr
Data
Addr Data
Addr
Data
Addr
Data
Addr Data
Read/Reset
1X
F0
3
AAA
AA
555
55
X
F0
Auto Select
3
AAA
AA
555
55
AAA
90
Program
4
AAA
AA
555
55
AAA
A0
PA
PD
Unlock Bypass
3
AAA
AA
555
55
AAA
20
Unlock Bypass
Program
2
X
A0
PA
PD
Unlock Bypass Reset
2
X
90
X
00
Chip Erase
6
AAA
AA
555
55
AAA
80
AAA
AA
555
55
AAA
10
Block Erase
6+ AAA
AA
555
55
AAA
80
AAA
AA
555
55
BA
30
Erase Suspend
1
X
B0
Erase Resume
1
X
30
Read CFI Query
1
AA
98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com