Electronic Components Datasheet Search
  English  ▼

X  

LMV601 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV601
Description  Low Power General Purpose, 2.7V Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV601 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMV601 Datasheet HTML 1Page - National Semiconductor (TI) LMV601 Datasheet HTML 2Page - National Semiconductor (TI) LMV601 Datasheet HTML 3Page - National Semiconductor (TI) LMV601 Datasheet HTML 4Page - National Semiconductor (TI) LMV601 Datasheet HTML 5Page - National Semiconductor (TI) LMV601 Datasheet HTML 6Page - National Semiconductor (TI) LMV601 Datasheet HTML 7Page - National Semiconductor (TI) LMV601 Datasheet HTML 8Page - National Semiconductor (TI) LMV601 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
LMV601, LMV602, LMV604
www.ti.com
SNOSC70B – APRIL 2012 – REVISED MARCH 2013
2.7V DC Electrical Characteristics
(1)
Unless otherwise specified, all limits ensured for TJ = 25°C, V
+ = 2.7V, V− = 0V, V
CM = V
+/2, V
O = V
+/2 and R
L > 1MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
VOS
Input Offset Voltage
LMV601
0.25
4
mV
LMV602/LMV604
0.55
5
TCVOS
Input Offset Voltage Average
1.7
µV/°C
Drift
IB
Input Bias Current
0.02
pA
IOS
Input Offset Current
6.6
fA
IS
Supply Current
Per Amplifier
100
170
μA
Shutdown Mode, VSD = 0V
45pA
1
μA
(LMV601)
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 1.7V
80
dB
0V
≤ VCM ≤ 1.6V
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 5V
82
dB
VCM
Input Common Mode Voltage
For CMRR
≥ 50dB
−0.2 to 1.9
0
1.7
V
(Range)
AV
Large Signal Voltage Gain
RL = 10kΩ to 1.35V
113
dB
VO
Output Swing
RL = 10kΩ to 1.35V
5.0
30
mV
30
5.3
IO
Output Short Circuit Current
Sourcing
32
LMV601/LMV602
Sourcing
mA
24
LMV604
Sinking
24
ton
Turn-on Time from Shutdown
(LMV601)
5
μs
VSD
Shutdown Pin Voltage Range
ON Mode (LMV601)
1.7 to 2.7
2.4 to 2.7
V
Shutdown Mode (LMV601)
0 to 1
0 to 0.8
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No assurance of parametric performance is indicated in the electrical tables under
conditions of internal self heating where TJ > TA.
(2)
All limits are ensured by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not specified on shipped
production material.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMV601 LMV602 LMV604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com