Electronic Components Datasheet Search
  English  ▼

X  

LMV601 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV601
Description  Low Power General Purpose, 2.7V Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV601 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LMV601 Datasheet HTML 12Page - National Semiconductor (TI) LMV601 Datasheet HTML 13Page - National Semiconductor (TI) LMV601 Datasheet HTML 14Page - National Semiconductor (TI) LMV601 Datasheet HTML 15Page - National Semiconductor (TI) LMV601 Datasheet HTML 16Page - National Semiconductor (TI) LMV601 Datasheet HTML 17Page - National Semiconductor (TI) LMV601 Datasheet HTML 18Page - National Semiconductor (TI) LMV601 Datasheet HTML 19Page - National Semiconductor (TI) LMV601 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
-0.5
0.5
1.5
2.5
3.5
4.5
5.5
VCM (V)
-200
-100
0
100
200
VS = 5V
TA = 25°C
+
-
VIN = VS/2
+
-
VOUT
V
+
RL = 600:
SHDN
+
-
VIN = VS/2
+
-
VOUT
V
+
SHDN
TIME (1 Ps/div)
RL = 600:
VS = 5V
LMV601, LMV602, LMV604
SNOSC70B – APRIL 2012 – REVISED MARCH 2013
www.ti.com
Figure 47. Turn-off Time
Figure 48. Turn-on Time
Figure 49. Turn-off Time
LOW INPUT BIAS CURRENT
The LMV601/LMV602/LMV604 Amplifiers have a PMOS input stage. As a result, they will have a much lower
input bias current than devices with BJT input stages. This feature makes these devices ideal for sensor circuits.
A typical curve of the input bias current of the LMV601 is shown in Figure 50.
Figure 50. Input Bias Current vs. VCM
16
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMV601 LMV602 LMV604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com