Electronic Components Datasheet Search
  English  ▼

X  

LMV601 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV601
Description  Low Power General Purpose, 2.7V Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV601 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMV601 Datasheet HTML 8Page - National Semiconductor (TI) LMV601 Datasheet HTML 9Page - National Semiconductor (TI) LMV601 Datasheet HTML 10Page - National Semiconductor (TI) LMV601 Datasheet HTML 11Page - National Semiconductor (TI) LMV601 Datasheet HTML 12Page - National Semiconductor (TI) LMV601 Datasheet HTML 13Page - National Semiconductor (TI) LMV601 Datasheet HTML 14Page - National Semiconductor (TI) LMV601 Datasheet HTML 15Page - National Semiconductor (TI) LMV601 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
TIME (4 Ps/div)
TA = 25°C
RL = 2k:
VS = ±2.5V
TIME (4 Ps/div)
TA = 125°C
RL = 2k:
VS = ±2.5V
TIME (4 Ps/div)
TA = -40°C
RL = 2k:
VS = ±2.5V
TIME (4 Ps/div)
TA = 25°C
RL = 2k:
VS = ±2.5V
TIME (4 Ps/div)
TA = 125°C
RL = 2k:
VS = ±2.5V
TIME (4 Ps/div)
TA = -40°C
RL = 2k:
VS = ±2.5V
LMV601, LMV602, LMV604
SNOSC70B – APRIL 2012 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Non-Inverting Large Signal Pulse Response
Non-Inverting Small Signal Pulse Response
Figure 34.
Figure 35.
Non-Inverting Large Signal Pulse Response
Inverting Small Signal Pulse Response
Figure 36.
Figure 37.
Inverting Large Signal Pulse Response
Inverting Small Signal Pulse Response
Figure 38.
Figure 39.
12
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMV601 LMV602 LMV604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com