Electronic Components Datasheet Search
  English  ▼

X  

LMV601 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV601
Description  Low Power General Purpose, 2.7V Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV601 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMV601 Datasheet HTML 6Page - National Semiconductor (TI) LMV601 Datasheet HTML 7Page - National Semiconductor (TI) LMV601 Datasheet HTML 8Page - National Semiconductor (TI) LMV601 Datasheet HTML 9Page - National Semiconductor (TI) LMV601 Datasheet HTML 10Page - National Semiconductor (TI) LMV601 Datasheet HTML 11Page - National Semiconductor (TI) LMV601 Datasheet HTML 12Page - National Semiconductor (TI) LMV601 Datasheet HTML 13Page - National Semiconductor (TI) LMV601 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-60
-40
-20
0
20
40
60
80
100
PHASE
GAIN
VS = 5V
RL = 600:
CL = 1000pF
CL = 500pF
CL = 0
CL = 100pF
CL = 1000pF
CL = 500pF
CL = 100pF
CL = 0
-60
-40
-20
0
20
40
60
80
10
0
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-60
-40
-20
0
20
40
60
80
100
PHASE
GAIN
-60
-40
-20
0
20
40
60
80
100
VS = 5V
RL = 600:
RL = 2k:
RL = 100k:
RL = 600:
RL = 2k:
RL = 100k:
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-60
-40
-20
0
20
40
60
80
100
PHASE
GAIN
-60
-40
-20
0
20
40
60
80
100
VS = 5V
RL = 2k:
125°C
25°C
-40°C
125°C
-40°C
25°C
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-60
-40
-20
0
20
40
60
80
100
PHASE
GAIN
-60
-40
-20
0
20
40
60
80
100
VS = 2.7V
RL = 600:
RL = 2k:
RL = 100k:
RL = 600:
RL = 2k:
RL = 100k:
0.00
1
0.0
1
0.1
1
10
VO (VPP)
0.01
0.1
1
10
f = 10KHz
RL = 600:
VS = 2.7V, AV = +10
VS = 5V, AV = +10
VS = 5V, AV =
+1
VS = 2.7V, AV = +1
1
10
100
1k
100k
FREQUENCY (Hz)
0.001
0.01
1
10
10k
0.1
AV = +10
AV = +1
VS = 2.7V, VO = 1VPP
VS = 5V, VO = 2.5VPP
VS = 2.7V, VO = 1VPP
VS = 5V, VO = 1VPP
LMV601, LMV602, LMV604
SNOSC70B – APRIL 2012 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
THD+N
THD+N
vs.
vs.
Frequency
VOUT
Figure 22.
Figure 23.
Open Loop Frequency Over Temperature
Open Loop Frequency Response
Figure 24.
Figure 25.
Gain and Phase
vs.
Open Loop Frequency Response
CL
Figure 26.
Figure 27.
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMV601 LMV602 LMV604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com