Electronic Components Datasheet Search
  English  ▼

X  

LMV601 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV601
Description  Low Power General Purpose, 2.7V Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV601 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMV601 Datasheet HTML 4Page - National Semiconductor (TI) LMV601 Datasheet HTML 5Page - National Semiconductor (TI) LMV601 Datasheet HTML 6Page - National Semiconductor (TI) LMV601 Datasheet HTML 7Page - National Semiconductor (TI) LMV601 Datasheet HTML 8Page - National Semiconductor (TI) LMV601 Datasheet HTML 9Page - National Semiconductor (TI) LMV601 Datasheet HTML 10Page - National Semiconductor (TI) LMV601 Datasheet HTML 11Page - National Semiconductor (TI) LMV601 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
-1.5
-1
-0.5
0
0.5
1
1.5
OUTPUT VOLTAGE (V)
-300
-200
-100
0
100
200
300
VS = ±1.35V
RL = 10 k:
RL = 2 k:
-3
-2
-1
0
1
2
3
OUTPUT VOLTAGE (V)
-300
-200
-100
0
100
200
300
VS = ±2.5V
RL = 10 k:
RL = 2 k:
-0.2
0.5
1
1.5
2
2.5
3
3.5
4
4.5
VCM (V)
0
0.5
1
1.5
2
2.5
3
VS = 5V
-40°C
25°C
85°C
125°C
-0.2
0.3
0.8
1.3
1.8
2.3
0
0.5
1
1.5
2
2.5
3
VCM (V)
VS = 2.7V
125°C
85°C
25°C
-40°C
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
100
OUTPUT VOLTAGE REFERENCED TO V
-
(V)
VS = 2.7V
-40°C
25°C
125°C
85°C
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
OUTPUT VOLTAGE REFERENCED TO V
-
(V)
VS = 5V
125°C
25°C
85°C
-40°C
LMV601, LMV602, LMV604
SNOSC70B – APRIL 2012 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
ISINK
ISINK
vs.
vs.
VOUT
VOUT
Figure 10.
Figure 11.
VOS
VOS
vs.
vs.
VCM
VCM
Figure 12.
Figure 13.
VIN
VIN
vs.
vs.
VOUT
VOUT
Figure 14.
Figure 15.
8
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMV601 LMV602 LMV604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com