Electronic Components Datasheet Search
  English  ▼

X  

LMV601 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV601
Description  Low Power General Purpose, 2.7V Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV601 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMV601 Datasheet HTML 5Page - National Semiconductor (TI) LMV601 Datasheet HTML 6Page - National Semiconductor (TI) LMV601 Datasheet HTML 7Page - National Semiconductor (TI) LMV601 Datasheet HTML 8Page - National Semiconductor (TI) LMV601 Datasheet HTML 9Page - National Semiconductor (TI) LMV601 Datasheet HTML 10Page - National Semiconductor (TI) LMV601 Datasheet HTML 11Page - National Semiconductor (TI) LMV601 Datasheet HTML 12Page - National Semiconductor (TI) LMV601 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
-40 -20
0
20
40
60
80 100 120 140
0
0.2
0.4
0.6
0.8
1
1.2
TEMPERATURE (°)
RISING EDGE
FALLING EDGE
AV = +1
RL = 10k:
VIN = 2VPP
VS = 2.7V
-40 -20
0
20
40
60
80 100 120 140
0
0.2
0.4
0.6
0.8
1
1.2
TEMPERATURE (°)
RISING EDGE
FALLING EDGE
AV = +1
RL = 10k:
VIN = 2VPP
VS = 5V
2.5
3
3.5
4
4.5
5
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
SUPPLY VOLTAGE (V)
FALLING EDGE
RISING EDGE
AV = +1
RL = 10k:
VIN = 2VPP
10
100
1k
10k
FREQUENCY (Hz)
0
40
200
260
240
220
80
60
20
120
140
160
180
100
VS = 5V
VS = 2.7V
VCM = VS/2
100
1k
10k
100k
1M
FREQUENCY (Hz)
0
10
20
30
40
50
60
70
80
VIN = VS/2
RL = 5k:
VS = 2.7V
VS =
5V
100
10k
10M
FREQUENCY (Hz)
0
20
100
1M
100k
1k
90
50
10
80
60
40
30
70
RL = 5k:
VS = 5V,
+PSRR
VS = 2.7V, -
PSRR
VS = 5V, -
PSRR
VS = 2.7V,
+PSRR
LMV601, LMV602, LMV604
www.ti.com
SNOSC70B – APRIL 2012 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
CMRR
PSRR
vs.
vs.
Frequency
Frequency
Figure 16.
Figure 17.
Input Voltage Noise
Slew Rate
vs.
vs.
frequency
VSUPPLY
Figure 18.
Figure 19.
Slew Rate
Slew Rate
vs.
vs.
Temperature
Temperature
Figure 20.
Figure 21.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMV601 LMV602 LMV604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com