| Electronic Components Datasheet Search |
|
CS4225 Datasheet(PDF) 15 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS4225 Datasheet(HTML) 15 Page - Cirrus Logic |
|
15 / 30 page ![]() Auxiliary Audio Port Signals The auxiliary port provides an alternate way to input digital audio signals into the CS4225, and allows the CS4225 to synchronize the system to an external digital audio source. This port con- sists of clock, data and left/right clock pins n ame d, S CLKAUX, DATAAUX and LRCKAUX. These signals are fed through to the SCLK, SDOUT1 and LRCK pins. There is a two frame delay from DATAAUX to SDOUT1. When the auxiliary port is used, the frequency of LRCKAUX must equal to the system sample rate, Fs, but no particular phase relationship is required. Auxiliary Audio Port Formats Input data on DATAAUX is clocked into the part by SCLKAUX using the format selected in the Auxiliary Port Mode Byte. In hardware mode, the auxiliary port format is the same as the DSP port format and is determined by the DIF pin. The auxiliary audio port supports the same 4 for- mats as the audio DSP port in 2 data line mode. LRCKAUX is used to indicate left and right data samples, and the start of a new sample period. SCLKAUX and LRCKAUX may be output from the CS4225, or they may be generated from an external source, as set by the AMS control bit in Software mode or IF1 in Hardware mode. Control Port Signals The control port has 2 modes: SPI and I 2C®, with the CS4225 as a slave device. The SPI mode is selected by setting the H/S pin low. I 2C® mode is selected by floating the H/S pin. If the H/S pin is floated, add a 0.1 µF capacitor to ground on the H/S pin to minimize noise pickup. SPI Mode In SPI mode, CS is the CS4225 chip select sig- nal, CCLK is the control port bit clock, (input into the CS4225 from the microcontroller), CDIN is the input data line from the microcon- troller, CDOUT is the output data line to the microcontroller, and AD0 and AD1 form the chip address. The pins AD0, AD1 must be tied to one of 4 possible chip addresses. To write to a particular CS4225, the AD0, AD1 bits must match the state of the AD0, AD1 pins for that chip. This allows up to 4 CS4225 devices to co-exist on one con- trol port bus. Figure 6 shows the operation of the control port in SPI mode. To write to a register, bring CS low. The first 5 bits on CDIN must be zero. The next 2 bits form the chip address. The eighth bit is a read/write indicator (R/W), which should be MAP MSB LSB DATA byte 1 byte n R/W AD1 AD0 0 R/W AD1 AD0 High Z MAP = Memory Address Pointer ADDRESS CHIP ADDRESS CHIP 0 CDIN CCLK CS CDOUT MSB LSB MSB LSB Figure 6 - Control Port Timing, SPI mode CS4225 DS86PP8 15 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |