Electronic Components Datasheet Search
  English  ▼

X  

CS4397 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS4397
Description  24-Bit, Multi-Standard D/A Converter for Digital Audio?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4397 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS4397 Datasheet HTML 3Page - Cirrus Logic CS4397 Datasheet HTML 4Page - Cirrus Logic CS4397 Datasheet HTML 5Page - Cirrus Logic CS4397 Datasheet HTML 6Page - Cirrus Logic CS4397 Datasheet HTML 7Page - Cirrus Logic CS4397 Datasheet HTML 8Page - Cirrus Logic CS4397 Datasheet HTML 9Page - Cirrus Logic CS4397 Datasheet HTML 10Page - Cirrus Logic CS4397 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
CS4397
DS333PP1
7
ANALOG CHARACTERISTICS - DSD MODE (T
A = 25 °C; Logic "1" = VD = 5 V; VA = 5V;
Logic "0" = AGND; Full-Scale Output Sine Wave, 997 Hz; Measurement Bandwidth 10 Hz to 20 kHz, unless other-
wise specified. Test load RL = 1 kΩ, CL = 10 pF)
Notes: 8. Assumes a DSD modulation index of 0.7.
Parameter
Symbol
Min
Typ
Max
Unit
Dynamic Performance - DSD Mode
Dynamic Range
(Note 1)
unweighted
A-Weighted
TBD
TBD
117
120
-
-
dB
dB
Total Harmonic Distortion + Noise
(Note 1)
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-100
-94
-54
TBD
TBD
TBD
dB
dB
dB
Analog Output - DSD Mode
Full Scale Differential Output Voltage
(Note 8)
TBD
1.2VREF
TBD
Vpp
Common Mode Voltage
-
0.5VREF
-
VDC
Interchannel Gain Mismatch
-
0.1
-
dB
Gain Drift
-
100
-
ppm/°C
Differential DC Offset
-
2.0
TBD
mV
Combined Digital and On-chip Analog Filter Response - DSD Mode
Passband
(Note 4)
to -0.1 dB corner
to -3 dB corner
-
-
-
-
0.95
2.70
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-0.013
-
0
dB
Group Delay
tgd
-
0.2/Fs
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com