Electronic Components Datasheet Search
  English  ▼

X  

CS4397 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS4397
Description  24-Bit, Multi-Standard D/A Converter for Digital Audio?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4397 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS4397 Datasheet HTML 8Page - Cirrus Logic CS4397 Datasheet HTML 9Page - Cirrus Logic CS4397 Datasheet HTML 10Page - Cirrus Logic CS4397 Datasheet HTML 11Page - Cirrus Logic CS4397 Datasheet HTML 12Page - Cirrus Logic CS4397 Datasheet HTML 13Page - Cirrus Logic CS4397 Datasheet HTML 14Page - Cirrus Logic CS4397 Datasheet HTML 15Page - Cirrus Logic CS4397 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
CS4397
12
DS333PP1
8X INTERPOLATOR - SWITCHING CHARACTERISTICS (T
A= -10 to 70°C;
Logic 0 = AGND = DGND; Logic 1 = VD = 5.25 to 3.0 Volts; CL =20pF)
Notes: 10. Fs refers to the input sample rate to the Digital-to-Analog converter, i.e. Fs = 44.1 kHz × 8 = 352.8 kHz.
Parameter
Symbol
Min
Typ
Max
Unit
Input Sample Rate
(Note 10)
Fs
128
-
400
kHz
MCLK Frequency
(MCLK = 32×Fs)
(MCLK = 48×Fs)
(MCLK = 64×Fs)
(MCLK = 96×Fs)
4.096
6.144
8.192
12.288
-
-
-
-
12.8
19.2
25.6
28.4
MHz
MHz
MHz
MHz
MCLK Duty Cycle
40
-
50
%
WCKI Duty Cycle
25
-
75
%
BCKI Frequency
32xFs
MHz
BCKI rising to WCKI edge delay
tslrd
20
-
-
ns
BCKI rising to WCKI edge setup time
tslrs
20
-
-
ns
SDATA valid to BCKI rising setup time
tsdlrs
20
-
-
ns
BCKI rising to DIL/DIR hold time
tsdh
20
-
-
ns
sclkh
t
slrs
t
slrd
t
sdlrs
t
sdh
t
sclkl
t
DIL/DIR
BCKI
WCKI
Figure 3. Serial Audio Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com