Electronic Components Datasheet Search
  English  ▼

X  

CS4397 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS4397
Description  24-Bit, Multi-Standard D/A Converter for Digital Audio?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4397 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS4397 Datasheet HTML 5Page - Cirrus Logic CS4397 Datasheet HTML 6Page - Cirrus Logic CS4397 Datasheet HTML 7Page - Cirrus Logic CS4397 Datasheet HTML 8Page - Cirrus Logic CS4397 Datasheet HTML 9Page - Cirrus Logic CS4397 Datasheet HTML 10Page - Cirrus Logic CS4397 Datasheet HTML 11Page - Cirrus Logic CS4397 Datasheet HTML 12Page - Cirrus Logic CS4397 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
CS4397
DS333PP1
9
DIGITAL CHARACTERISTICS (T
A = 25°C; VD = 3.0V - 5.25V)
ABSOLUTE MAXIMUM RATINGS (AGND = 0 V, all voltages with respect to ground.)
WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal operation
is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS (DGND = 0V; all voltages with respect to ground)
Parameters
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
VD = 5 V
VD = 3 V
VIH
2.0
2.0
-
-
-
-
V
V
Low-Level Input Voltage
VD = 5 V
VD = 3 V
VIL
-
-
-
-
0.8
0.8
V
V
Input Leakage Current
Iin
--
±10
µA
Input Capacitance
-
8
-
pF
Maximum MUTEC Drive Current
-
3
-
mA
Parameter
Symbol
Min
Max
Unit
DC Power Supply: Positive Analog
Positive Digital
Reference Voltage
VA
VD
VREF
-0.3
-0.3
-0.3
6.0
6.0
VA
V
V
V
Input Current, Any Pin Except Supplies
Iin
-±10
mA
Digital Input Voltage
VIND
-0.3
(VD)+0.4
V
Ambient Operating Temperature (power applied)
TA
-55
125
°C
Storage Temperature
Tstg
-65
150
°C
Parameter
Symbol
Min
Typ
Max
Unit
DC Power Supply: Positive Digital
Positive Analog
Reference Voltage
VD
VA
VREF
3.0
4.75
TBD
3.3
5.0
5.0
5.25
5.25
VA
V
V
V
Specified Temperature Range
TA
-10
-
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com